Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 156 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 152Page - STMicroelectronics L9788 Datasheet HTML 153Page - STMicroelectronics L9788 Datasheet HTML 154Page - STMicroelectronics L9788 Datasheet HTML 155Page - STMicroelectronics L9788 Datasheet HTML 156Page - STMicroelectronics L9788 Datasheet HTML 157Page - STMicroelectronics L9788 Datasheet HTML 158Page - STMicroelectronics L9788 Datasheet HTML 159Page - STMicroelectronics L9788 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 264 page
background image
CAN FD interface
L9788
156/264
DS12308 Rev 4
td,TXDC(rec-diff)
TxDC - CANH,L
Delay Time recessive
- dominant
RL = 60 Ω (±1%);
C2=100pF (±1%); 30%
VTXD – VDIFF = 0.9 V;
TXDC fall time = 10ns
(90% - 10%)
Guaranteed by bench
correlation
0-
120
ns
-
tTXDC_DOM_TO
TxDC dominant time-
out
-0.8
2
5
ms
-
Table 65. CAN transmit data input: Pin TxDC (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Table 66. CAN transmit data output: Pin RxDC
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VRXDCLOW
Output voltage
dominant level
Active mode,
IRXDC = 2 mA
(0)
0.2
0.5
V
CAN_RX
VRXDCHIGH
Output voltage
recessive level
Active mode,
IRXDC = -2 mA
VDDIO-
0.5
VDDIO
-0.2
VDDIO
V
CAN_RX
tr, RXDC
RxDC rise time
CRX = 15 pF,
30% – 70% VRXDC
Guaranteed by bench
correlation
0
-
25
ns
-
tf, RXDC
RxDC fall time
CRX = 15 pF,
70% – 30% VRXDC
Guaranteed by bench
correlation
0
-
25
ns
-
td, RXDC
(dom-rec)
CANH,L – RxDC
Delay Time
dominant -
recessive
CRX = 15 pF,
VDIFF = 0.5V – 70%
VRXDC
Guaranteed by bench
correlation
0-
120
ns
-
td, RXDC
(rec - dom)
CANH,L – RxDC
Delay Time
recessive -
dominant
CRX = 15 pF,
VDIFF = 0.9 V – 30%
VRXDC
0-
120
ns
-
Table 67. CAN transmitter dominant output characteristics
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Pin
VCANHdom
Single Ended CANH
voltage level in dominant
state
VTXDC = VTXDCLOW; 
RL = 50 Ω to 65 Ω;
2.75
3.5
4.5
V
-
VCANLdom
Single Ended CANL
voltage level in dominant
state
VTXDC = VTXDCLOW; 
RL = 50 Ω to 65 Ω;
0.5
1.5
2.25
V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com