Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 157 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 153Page - STMicroelectronics L9788 Datasheet HTML 154Page - STMicroelectronics L9788 Datasheet HTML 155Page - STMicroelectronics L9788 Datasheet HTML 156Page - STMicroelectronics L9788 Datasheet HTML 157Page - STMicroelectronics L9788 Datasheet HTML 158Page - STMicroelectronics L9788 Datasheet HTML 159Page - STMicroelectronics L9788 Datasheet HTML 160Page - STMicroelectronics L9788 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 264 page
background image
DS12308 Rev 4
157/264
L9788
CAN FD interface
263
VDIFF, dom
Differential output voltage
in dominant state:
VCANHdom-VCANLdom
VTXDC = VTXDCLOW; 
RL = 50 Ω to 65 Ω;
1.5
2.0
3
V
-
VDIFF, dom_extR
Differential output voltage
in dominant state:
VCANHdom-VCANLdom
at extended termination
resistor range
VTXDC = VTXDCLOW; 
RL = 45 Ω to 70 Ω;
1.4
-
3.3
V
-
VDIFF, dom_Arb
Differential output voltage
in dominant state:
VCANHdom-VCANLdom
during arbitration
VTXDC = VTXDCLOW; 
RL = 2240 Ω;
1.5
-
5
V
-
VSYM
Driver Symmetry:
VSYM = (VCANHdom +
VCANLdom)/VDD_CAN
VDD_CAN = 5V
Measured over one 1 MHz
period (1 µs)
RL = 60 Ω (±1%) 
fTXDC = 1MHz (square
wave, 50% duty cycle);
C1 = 4.7nF (±5%)
0.9
1
1.1
V
-
IOCANH,
dom (-3 V)
CANH output current in
dominant state
VTXDC = VTXDCLOW; 
VCANH = -3 V;
-115
-
mA
-
IOCANL,
dom (16 V)
CANL output current in
dominant state
VTXDC = VTXDCLOW;
VCANL = 16 V;
--
115
mA
-
IOCANH,
dom (40 V)
CANH output current in
dominant state
VTXDC = VTXDCLOW;
VCANH = 40 V;
Vs = 40 V
0
-
-5
mA
-
IOCANL,
dom (40 V)
CANL output current in
dominant state
VTXDC = VTXDCLOW;
VCANL = 40 V;
Vs = 40 V
(0)
-
115
mA
-
Table 67. CAN transmitter dominant output characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Pin
Table 68. CAN transmitter recessive output characteristics, normal mode
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VCANHrec
CANH voltage
level in recessive
state (Normal
mode)
VTXDC = VTXDCHIGH; No Load
2
2.5
3
V
-
VCANLrec
CANL voltage level
in recessive state
(Normal mode)
VTXDC = VTXDCHiGH; No Load
2
2.5
3
V
-
VDIFF, recOUT
Differential output
voltage in
recessive state
(Normal mode):
VCANHrec-VCANLrec
VTXDC = VTXDCHIGH; No Load
-50
-
50
mV
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com