Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 161 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 157Page - STMicroelectronics L9788 Datasheet HTML 158Page - STMicroelectronics L9788 Datasheet HTML 159Page - STMicroelectronics L9788 Datasheet HTML 160Page - STMicroelectronics L9788 Datasheet HTML 161Page - STMicroelectronics L9788 Datasheet HTML 162Page - STMicroelectronics L9788 Datasheet HTML 163Page - STMicroelectronics L9788 Datasheet HTML 164Page - STMicroelectronics L9788 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 264 page
background image
DS12308 Rev 4
161/264
L9788
CAN FD interface
263
Table 76. Maximum leakage currents on CAN_H and CAN_L, unpowered
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
ILeakage,
CANH
Input leakage
current CANH
Unpowered device;
VCANH = 5V ; VCANL = 5 V;
VDD_CAN, VB_STBY
connected via 0 Ω to GND
VDD_CAN, VB_STBY
connected via 47 kΩ to GND
-10
-
10
µA
-
ILeakage,
CANL
Input leakage
current CANL
Unpowered device;
VCANH = 5V ; VCANL = 5 V;
VDD_CAN, VB_STBY
connected via 0 Ω to GND
VDD_CAN, VB_STBY
connected via 47 kΩ to GND
-10
-
10
µA
-
Table 77. Biasing control timings
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
tfilter
CAN activity filter time
Guaranteed by scan
0.5
1.8
µs
twake
Wake-up time out
Guaranteed by scan
0.35
1
5
ms
tSilence
CAN timeout
Guaranteed by scan
600
700
1200
ms
tBIAS
Bias Reaction Time
RL = 60 Ω (±1%); 
C2 = 100 pF (±1%);
C1 = 100 pF (±1%);
VTXDC = VTXDCLOW;
50% VDIFF; VSYM = 0.1(1);
Transition bias inactive to
bias active; Guaranteed by
scan
--
220
µs
-
tcansuphigh CAN_SUP_LOW filter time Guaranteed by scan
8.5
10
11.5
µs
-
tcansuplow VDD_CAN_OV filter time
Guaranteed by scan
8.5
10
11.5
µs
-
tdom_pulse Dominant interrupt pulse
Guaranteed by scan
47.6
56
64.4
µs-
1.
Measured from the start of a dominant-recessive-dominant sequence (each phase 6μs) until VSYM ≥ 0.1
Table 78. Standby current consumption (Battery line @RT)
Total quiescent current consumption(1)
Max value
Unit
EOT disabled and CAN block enabled, CAN wake up disabled
60
µA
EOT disabled and CAN block enabled, CAN wake up enabled
70
µA
EOT enabled and CAN block enabled, CAN wake up disabled
70
µA
EOT enabled and CAN block enabled, CAN wake up enabled
80
µA
1. L9788 Total quiescent current consumption at pins VB_STBY, VB_IN, VB_IN_SW, VB_SENSE, CP (through 100 nF
capacitor), VB_CAN, MRD, RLY1, LED2, STR2_DRN, PDR1_DRN connected to battery. The total current was measured
at battery line @RT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com