Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 162 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 158Page - STMicroelectronics L9788 Datasheet HTML 159Page - STMicroelectronics L9788 Datasheet HTML 160Page - STMicroelectronics L9788 Datasheet HTML 161Page - STMicroelectronics L9788 Datasheet HTML 162Page - STMicroelectronics L9788 Datasheet HTML 163Page - STMicroelectronics L9788 Datasheet HTML 164Page - STMicroelectronics L9788 Datasheet HTML 165Page - STMicroelectronics L9788 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 264 page
background image
CAN FD interface
L9788
162/264
DS12308 Rev 4
Expected additional current due to bias ON is:
Table 79. Standby current consumption (Battery line @HT)
Total quiescent current consumption(1)
Max value
Unit
EOT disabled and CAN block enabled, CAN wake up disabled
140
µA
1. L9788 Total quiescent current consumption at pins VB_STBY, VB_IN, VB_IN_SW, VB_SENSE, CP (through 100 nF
capacitor), VB_CAN, MRD, RLY1, LED2, STR2_DRN, PDR1_DRN connected to battery. The total current was measured
at battery line @HT.
Table 80. can_auto_bias = 1 and can_wakeup_en = 1
-
27 °C, I(VB_STBY)
150 °C, I(VB_STBY)
TYP
548 µA
576 µA
MAX
650 µA
675 µA
Table 81. can_auto_bias = 1 and can_wakeup_en = 0
-
27 °C, I(VB_STBY)
150 °C, I(VB_STBY)
TYP
563 µA
591 µA
MAX
660 µA
690 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com