Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 160 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 160 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 156Page - STMicroelectronics L9788 Datasheet HTML 157Page - STMicroelectronics L9788 Datasheet HTML 158Page - STMicroelectronics L9788 Datasheet HTML 159Page - STMicroelectronics L9788 Datasheet HTML 160Page - STMicroelectronics L9788 Datasheet HTML 161Page - STMicroelectronics L9788 Datasheet HTML 162Page - STMicroelectronics L9788 Datasheet HTML 163Page - STMicroelectronics L9788 Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 264 page
background image
CAN FD interface
L9788
160/264
DS12308 Rev 4
TBit(RXD)
≤ 2Mb/s
Recessive bit symmetry
at RXDC
Rectangular pulse signal TTXDC=
3000ns, high pulse 500ns, low pulse
2500ns
400
500
550
ns
-
TBit(RXD)
≤ 5Mb/s
Recessive bit symmetry
at RXDC
Rectangular pulse signal
TTXDC = 1200 ns, high pulse 200 ns,
low pulse 1000 ns
120
200
220
ns
-
TBit(BUS)
≤ 1Mb/s
Recessive bit symmetry
at CAN-Bus
RL = 50 Ω to 65 Ω; 
VDIFF: 0.5 V(falling) - 0.9 V(rising);
CL = 100 pF; CRXD = 15 pF;
TXD rise and fall time = 10 ns
(10% - 90%, 90% - 10%);
Test signal to be applied on the TXD
input of the implementation is a square
wave signal with a positive duty cycle of
1/6 and a period of six times the
nominal recessive bit width
Rectangular pulse signal
TTXDC = 6000 ns, high pulse 1000 ns,
low pulse 5000 ns
800
1000 1100
ns
-
TBit(BUS)
≤ 2Mb/s
Recessive bit symmetry
at CAN-Bus
Rectangular pulse signal
TTXDC = 3000 ns, high pulse 500 ns,
low pulse 2500 ns
435
500
530
ns
-
TBit(BUS)
≤ 5Mb/s
Recessive bit symmetry
at CAN-Bus
Rectangular pulse signal
TTXDC = 1200 ns, high pulse 200 ns,
low pulse 1000 ns; Guaranteed by
bench correlation
155
200
210
ns
-
∆tREC ≤
2Mb/s
Receiver Timing
Symmetry (TBit(RXD) -
TBit(BUS))
Rectangular pulse signal
TTXDC = 3000 ns, high pulse 500 ns,
low pulse 2500 ns; Guaranteed by
bench correlation
-65
-
40
ns
-
∆tREC ≤
5Mb/s
Receiver Timing
Symmetry (TBit(RXD) -
TBit(BUS))
Rectangular pulse signal
TTXDC = 1200 ns, high pulse 200 ns,
low pulse 1000 ns; Guaranteed by
bench correlation
-45
-
15
ns
-
Tdom
CAN permanent
dominant time-out
Guaranteed by scan
500
700
1000
µs
-
tWUP-RXD
time between WUP(1)
on the CAN bus until
RXD is active (i.e. the
CAN signal is
represented at the RXD
output)
Wake-Up according to ISO11898-5
RXD output enabled; Guaranteed by
scan
0-1
ms
-
1. Time starts with the end of last dominant phase of the WUP.
Table 75. CAN transceiver delay (continued)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com