Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 159 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 155Page - STMicroelectronics L9788 Datasheet HTML 156Page - STMicroelectronics L9788 Datasheet HTML 157Page - STMicroelectronics L9788 Datasheet HTML 158Page - STMicroelectronics L9788 Datasheet HTML 159Page - STMicroelectronics L9788 Datasheet HTML 160Page - STMicroelectronics L9788 Datasheet HTML 161Page - STMicroelectronics L9788 Datasheet HTML 162Page - STMicroelectronics L9788 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 264 page
background image
DS12308 Rev 4
159/264
L9788
CAN FD interface
263
Table 73. CAN Receiver input characteristics during low power mode, biasing inactive
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VTHdomLP
Differential receiver
threshold voltage recessive
to dominant state
-12 V ≤ VCANH ≤ +12 V,
-12 V ≤ VCANL ≤ +12 V
(0.5)
-
1.05
V
-
VTHrecLP
Differential receiver
threshold voltage dominant
to recessive state
-12 V ≤ VCANH ≤ +12 V,
-12 V ≤ VCANL ≤ +12 V
0.4
-
(0.9)
V
-
Table 74. CAN Receiver input resistance
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Rdiff
Differential internal
resistance
VTXDC = VTXDCHiGH; No Load
12
-
100
kΩ
-
RCANH,
CANL
Single Ended
Internal resistance
VTXDC = VTXDCHiGH; No Load
6
-
50
kΩ
-
mR
Internal Resistance
matching
RCANH,CANL
Biasing active;
VTXDC=VTXDCHIGH; no load
R = 2 x (RCAN_H - RCAN_L) /
(RCAN_H + RCAN_L)
-0.03
-
0.03
-
-
Cin
Internal capacitance Guaranteed by design
-
-
66
pF
-
Cin, diff
Differential internal
capacitance
Guaranteed by design
-
-
33
pF
-
Table 75. CAN transceiver delay
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
Pin
tLOOP,hl
Loop delay TXDC to
RXDC (High to Low)
RL = 60 Ω (±1%); C2 = 100pF (±1%);
30% VTXDC – 30% VRXDC;
TXDC fall time = 10ns (90% - 10%);
CRX = 15 pF
-
-
255
ns
-
tLOOP,lh
Loop delay TXDC to
RXDC (Low to High)
RL = 60 Ω (±1%); C2 = 100pF (±1%);
70% VTXD – 70% VRXD;
TXDC fall time = 10ns (10% - 90%);
CRX = 15 pF
-
-
255
ns
-
TBit(RXD)
≤ 1 Mb/s
Recessive bit symmetry
at RXDC
RL = 60 Ω (±1%); VDIFF: 0.5 V(falling) -
0.9 V(rising); C2 = 100pF (±1%);
CRX = 15 pF; TXD rise and fall time =
10 ns (10% - 90%, 90% - 10%);
Test signal to be applied on the TXD
input of the implementation is a square
wave signal with a positive duty cycle of
1/6 and a period of six times the
nominal recessive bit width.
Rectangular pulse signal TTXDC=
6000ns, high pulse 1000ns, low pulse
5000ns
745
1000 1255
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com