Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 155 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 151Page - STMicroelectronics L9788 Datasheet HTML 152Page - STMicroelectronics L9788 Datasheet HTML 153Page - STMicroelectronics L9788 Datasheet HTML 154Page - STMicroelectronics L9788 Datasheet HTML 155Page - STMicroelectronics L9788 Datasheet HTML 156Page - STMicroelectronics L9788 Datasheet HTML 157Page - STMicroelectronics L9788 Datasheet HTML 158Page - STMicroelectronics L9788 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 264 page
background image
DS12308 Rev 4
155/264
L9788
CAN FD interface
263
ITRCV_DOM(1)
Transceiver current
consumption during
normal mode from
VDD_CAN Dominate
State
VTXDC = 0 V
-
-
60
mA
-
ITRCV_short
Transceiver current
consumption during
output short from
VDD_CAN
RL = 50 Ω to 65 Ω;
VCANH =- 3 V or
VCANL = 40 V
-
-
120
mA
-
ITRCVLPbias
Transceiver current
consumption during low-
power mode; biasing
active from VDD_CAN
RL = 50 Ω to 65 Ω;
VTXDC = VTXDCHIGH;
-
-
350
µA
-
ITRCVLP
Transceiver current
consumption during low-
power mode; biasing
inactive from VDD_CAN
RL = 50 Ω to 65 Ω;
VTXDC = VTXDCHIGH;
-
-
50
µA
-
ITR_VB
Transceiver current
consumption from
VB_CAN
--
-
5
µA
-
BR
Supported Bit-rates
Supported bit-rates at which
all requirements are fulfilled
Application info
5-
-
Mb/s
-
1.
To be confirmed after ATE measurements.
Table 64. CAN communication operating range (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Table 65. CAN transmit data input: Pin TxDC
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Ileak_cantx
Input leakage current CAN_TX = VDDIO – 1 V
-
-
10
µA
CAN_TX
VTXDCLOW
Input voltage
dominant level
-
0.9
-
1.4
V
CAN_TX
VTXDCHIGH
Input voltage
recessive level
-
1.45
-
2
V
CAN_TX
VTXDCHYS
VTXDCHIGH-
VTXDCLOW
-
0.1
-
0.4
V
CAN_TX
RTXDCPU
TxDC pull up resistor -
20
50
100
kΩ
CAN_TX
td,TXDC(dom-rec)
TxDC - CANH,L
Delay Time dominant
- recessive
RL = 60 Ω (±1%);
C2 = 100 pF (±1%); 70%
VTXD – VDIFF = 0.5 V;
TXDC rise time = 10 ns
(10% - 90%)
Guaranteed by bench
correlation
0-
140
ns
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com