Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 151 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 151 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 147Page - STMicroelectronics L9788 Datasheet HTML 148Page - STMicroelectronics L9788 Datasheet HTML 149Page - STMicroelectronics L9788 Datasheet HTML 150Page - STMicroelectronics L9788 Datasheet HTML 151Page - STMicroelectronics L9788 Datasheet HTML 152Page - STMicroelectronics L9788 Datasheet HTML 153Page - STMicroelectronics L9788 Datasheet HTML 154Page - STMicroelectronics L9788 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 264 page
background image
DS12308 Rev 4
151/264
L9788
CAN FD interface
263
12.6.5
Smart reset RSTN effects
In order to avoid spurious interference on CAN Bus and false CAN error detection, during
the power-up sequence, as long the Smart Reset RSTN pin signal stays low the following
CAN configuration registers are masked to zero:
CAN_TX_EN (transmitter disabled);
CAN_TXD_DOM_EN (Dominant TxDC Time Out disabled);
CAN_PERM_REC_EN (CAN Permanent Recessive disabled);
CAN_PERM_DOM_EN (CAN Permanent Dominant disabled);
CAN_RXD_REC_EN (CAN RXDC Permanent Recessive disabled).
12.7
Wake up With U-Chip OFF
When the U-chip is off with CAN wake up option enabled (CAN_WAKEUP_EN = '1'), the
CAN transceiver can detect wake up activity on bus and then wake up the device. In this
situation the MSC bit WAKE_UP_CAN_DET is latched (MSC UPSTREAM READ 12,
Frame3). If the U-chip is off with CAN wake up option disabled (CAN_WAKEUP_EN = '0')
and automatic voltage biasing disabled (CAN_AUTO_BIAS = '0') the transceiver goes in
Sleep mode. Otherwise if the U-chip is off with CAN wake up option disabled
(CAN_WAKEUP_EN = '0') and automatic voltage biasing enabled (CAN_AUTO_BIAS = '1')
the transceiver goes in CAN_BIAS_OFF state and after a period greater than Tsilence
without activity on bus goes in Sleep mode.
12.8
Wake up with U-Chip ON
When the U-chip is on and the CAN transceiver is in low power mode (CAN_EN bit = '0')
and the wake up option is enabled (CAN_WAKEUP_EN = '1'), the CAN Transceiver can
detect wake up activity on bus. In this situation the MSC bit WAKE_UP_CAN_DET_AUTO is
latched (MSC UPSTREAM READ 13, Frame3) and a dominant pulse of tdom_pulse is sent on
pad CAN_RX. If the CAN_AUTO_BIAS bit MSC_CONFIG_REG21[7] is set and the CAN
transceiver is in the state CAN_STBY_ON the detection of a wake up activity will bring the
transceiver in the state CAN_BIAS_ON
12.8.1
Wake up options
For the wake up feature the device logic differentiates different Wake-up detection
conditions.
12.8.2
Normal pattern wake up
Normal pattern wake up can occur when CAN pattern wake up option is enabled
(CAN_PATTERN_EN = '1'), the wake up enable bit is set (CAN_WAKEUP_EN = '1') and the
CAN transceiver is in low-power mode. In order to have a Wake-up detection, the following
criteria must be fulfilled:
The CAN interface wake up receiver must receive a series of two consecutive valid
dominant pulses, each of which must be longer than tfilter;
The distance between 2 pulses must be longer than tfilter;
The two pulses must occur within a time frame of twake.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com