Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 153 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 149Page - STMicroelectronics L9788 Datasheet HTML 150Page - STMicroelectronics L9788 Datasheet HTML 151Page - STMicroelectronics L9788 Datasheet HTML 152Page - STMicroelectronics L9788 Datasheet HTML 153Page - STMicroelectronics L9788 Datasheet HTML 154Page - STMicroelectronics L9788 Datasheet HTML 155Page - STMicroelectronics L9788 Datasheet HTML 156Page - STMicroelectronics L9788 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 264 page
background image
DS12308 Rev 4
153/264
L9788
CAN FD interface
263
When the CAN transceiver is in normal mode and at least one of the above faults occurs the
transmitter is disabled.
Reset matrix *10 source means that at least one of the following faults is active and the
CAN_TDI bit is set:
ERR_CNT>4;
ERR_CNT>7;
RST_PRL;
When the CAN transceiver is in normal mode and at least one of the above faults occurs the
transmitter is disabled.
Reset matrix *13 source means that at least one of the following faults is active:
1.
VB_STBY_UV
2.
VB_OV t>TBOV2
3.
VB_UV
4.
V3V3A_OV, V3V3A_UV, V3V3D_OV and V3V3D_UV
5.
VDD5_UV
6.
VDDIO_UV
When the CAN transceiver is in normal mode and at least one of the above faults occurs the
MSC bit CAN_EN is cleared sending the CAN transceiver in Low-power Mode.
12.11
CAN looping mode
If the proper configuration bit (CAN_LOOP_EN) in control register is set the TxDC input is
mapped directly to the RxDC Pin. This mode can be used in combination with the CAN
receive-only mode, to run diagnosis for the CAN protocol handler of the microcontroller.
Figure 69. CAN_TX input structure
GADG0912161539PS
V3V3
V3V3
VHIGH
Input structures: cascoding to
sustain battery level
VLOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com