Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 158 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 158 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 154Page - STMicroelectronics L9788 Datasheet HTML 155Page - STMicroelectronics L9788 Datasheet HTML 156Page - STMicroelectronics L9788 Datasheet HTML 157Page - STMicroelectronics L9788 Datasheet HTML 158Page - STMicroelectronics L9788 Datasheet HTML 159Page - STMicroelectronics L9788 Datasheet HTML 160Page - STMicroelectronics L9788 Datasheet HTML 161Page - STMicroelectronics L9788 Datasheet HTML 162Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 264 page
background image
CAN FD interface
L9788
158/264
DS12308 Rev 4
Table 69. CAN transmitter recessive output characteristics, low power mode, biasing active
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VCANHrecLPbias
CANH voltage level
in recessive state
VTXDC = VTXDCHIGH; No Load
5.5 V ≤ VB_STBY ≤ 18 V
22.5
3
V
-
VCANLrecLPbias
CANL voltage level
in recessive state
22.5
3
V
-
VDIFF, recOUTLPbias
Differential output
voltage in recessive
state
VCANHrec-VCANLrec
-50
-
50
mV
-
Table 70. CAN transmitter recessive output characteristics, low-power mode, biasing inactive
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VCANHrecLP
CANH voltage level
in recessive state
VTXDC = VTXDCHiGH; No Load
-0.1
0
0.1
V
-
VCANLrecLP
CANL voltage level
in recessive state
VTXDC = VTXDCHiGH; No Load
-0.1
0
0.1
V
-
VDIFF, recOUTLP
Differential output
voltage in recessive
state VCANHrec -
VCANLrec
VTXDC = VTXDCHiGH; No Load
-50
-
50
mV
-
Table 71. CAN Receiver input characteristics during normal mode
Symbol
Parameter
Test condition
Min
Typ Max Unit
Pin
VTHdom
Differential receiver threshold
voltage recessive to dominant state
-12 V ≤ VCANH ≤ +12 V,
-12 V ≤ VCANL ≤ +12 V
(0.5)
-
0.9
V
-
VTHrec
Differential receiver threshold
voltage dominant to recessive state
-12 V ≤ VCANH ≤ +12 V,
-12 V ≤ VCANL ≤ +12 V
0.5
-
(0.9)
V
-
Table 72. CAN Receiver input characteristics during low power mode, biasing active
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Pin
VTHdomLPbias
Differential receiver
threshold voltage recessive
to dominant state
-12 V ≤ VCANH ≤ +12 V,
-12 V ≤ VCANL ≤ +12 V
(0.5)
-
0.9
V
-
VTHrecLPbias
Differential receiver
threshold voltage dominant
to recessive state
-12 V ≤ VCANH ≤ +12 V,
-12 V ≤ VCANL ≤ +12 V
0.5
-
(0.9)
V
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com