Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 166 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 162Page - STMicroelectronics L9788 Datasheet HTML 163Page - STMicroelectronics L9788 Datasheet HTML 164Page - STMicroelectronics L9788 Datasheet HTML 165Page - STMicroelectronics L9788 Datasheet HTML 166Page - STMicroelectronics L9788 Datasheet HTML 167Page - STMicroelectronics L9788 Datasheet HTML 168Page - STMicroelectronics L9788 Datasheet HTML 169Page - STMicroelectronics L9788 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 264 page
background image
LIN/K-LINE interface
L9788
166/264
DS12308 Rev 4
Conditions:
7 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified; VB_IN = 18 to 27 V,
Tj ≤ 50°C, all specs in limit. In the rest of supply range, parameters are degraded or reset.
If an ECU is not intended to transmit on the LIN bus (e.g. transmit input of a LIN transceiver
is recessive), the LIN driver will not drive the LIN bus to dominant state.If the LIN bus is in
recessive state, the LIN receiver output will provide a recessive state.
Table 82. Electrical characteristics of LIN interface
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Ileak_lintx
Input leakage
current
LIN_TX = VDDIO-1 V
-
-
10
µA
LIN_Tx
VIH_TX
HIGH_level Input
voltage
-1.45
-
2
V
LIN_Tx
VIL_TX
LOW_level Input
voltage
-
0.9
-
1.4
V
LIN_Tx
VHYS_TX
Input voltage
hysteresis
-
0.1
-
0.4
V
LIN_Tx
PULL_TX
Pull-up resistance
Lin_TX = 0 V
50
100
200
kΩ
LIN_Tx
VOH_RX
HIGH-level output
voltage
Isource = 2 mA
VDDIO
-0.6
VDDIO
-0.2
-
V
LIN_Rx
VOL_RX
LOW-level output
voltage
Isink = 2 mA
-
0.2
0.5
V
LIN_Rx
VOL_LIN
LOW-level output
voltage
Pull up =500 Ω,
LIN_Tx = 0 V
--
0.2
VB_IN
VLIN
VOH_LIN
HIGH-level output
voltage
Pull up =500 Ω,
LIN_Tx = HIGH
0.8
VB_IN
-
VB_IN
V
LIN
Ibus_dom
Dominant Source
Current
LIN_Tx = HIGH,
VB_IN = 12 V, LIN = 0 V
-600
-
0
µA
LIN
Ibus_res
Resessive sink
current
LIN_Tx=HIGH,VB_IN=8~1
8V, LIN=8~18V,LIN≥VB_IN
0
-
20
µA
LIN
Ibus_stby
Standby current
VB_IN=8~18V,
LIN=8~18V,LIN≥VB_IN
0
-
20
µA
LIN
IOVC
Current limitation
LIN=18V, LIN_Tx=0V
70
-
150
mA
LIN
Rl-g_iso
LIN bus to Ground
isolation resistance
-
500K
-
-
Ω
LIN
ILK_NG1
Ground loss
leakage current
VB_IN=12V, GND = Open,
LIN=0~18V
-100
-
100
µA
LIN
ILK_NB1
VB_IN Loss
Leakage Current
VB_IN = Open,
LIN = 0~18 V
-23
-
23
µA
LIN
t TXDC_DOM_TO
TXDC dominant
time-out
-
9
12
15
ms
LIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com