Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 169 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 169 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 165Page - STMicroelectronics L9788 Datasheet HTML 166Page - STMicroelectronics L9788 Datasheet HTML 167Page - STMicroelectronics L9788 Datasheet HTML 168Page - STMicroelectronics L9788 Datasheet HTML 169Page - STMicroelectronics L9788 Datasheet HTML 170Page - STMicroelectronics L9788 Datasheet HTML 171Page - STMicroelectronics L9788 Datasheet HTML 172Page - STMicroelectronics L9788 Datasheet HTML 173Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 264 page
background image
DS12308 Rev 4
169/264
L9788
LIN/K-LINE interface
263
13.4.4
Timing diagram
Figure 74. LIN transmission timing chart
Figure 75. LIN reception timing chart
Figure 76. LIN duty cycle timing chart
LIN_TX
LIN
tdly(LIN)HL
tdly(LIN)LH
1.4 V
1.45 V
0.8VB
0.2VB
GADG1212161503PS
LIN
LIN_RX
tDLY_HL
tDLY_LH
VTH_DOM
Vth_HYS(LIN)
VTH_Rec
50%
50%
GADG1212161507PS
Threc(min)
Thdom(max)
tbus_rec(max)
tbus_dom(min)
tbus_rec(min)
tbus_dom(max)
Threc(max)
LIN
Thdom(min)
GADG1212161510PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com