Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 168 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 164Page - STMicroelectronics L9788 Datasheet HTML 165Page - STMicroelectronics L9788 Datasheet HTML 166Page - STMicroelectronics L9788 Datasheet HTML 167Page - STMicroelectronics L9788 Datasheet HTML 168Page - STMicroelectronics L9788 Datasheet HTML 169Page - STMicroelectronics L9788 Datasheet HTML 170Page - STMicroelectronics L9788 Datasheet HTML 171Page - STMicroelectronics L9788 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 264 page
background image
LIN/K-LINE interface
L9788
168/264
DS12308 Rev 4
D4
Duty Cycle
Thresmin = 0.389 VB_IN,
Thdommin = 0.251 VB_IN,
VB_IN = 7.6-18 V,
tbit=96µs,
D4 = tbus_resmax/(2xtbit)
-
-
0.59
LIN(Bus
Receiver)
trise_LIN
Slew Rate(LIN)
Cbus = 2.2nF, Rbus = 1kΩ,
40-60%,VB_IN=13.5V
123
V/
µs
LIN(Bus
Receiver)
Tfall_LIN
Slew Rate(LIN)
Cbus = 2.2nF, Rbus = 1kΩ,
40-60%,VB_IN=13.5V
0.8
2
3
V/
µs
LIN(Bus
Receiver)
trise_K_LINE
Slew
Rate(K_LINE)
Cbus = 7.2 nF + 2 nF,
Rbus = 510 Ω,
20-80%,VB_IN = 18 V
1.2
-
5
V/
µs
LIN(Bus
Receiver)
Tfall_K_LINE
Slew
Rate(K_LINE)
Cbus = 7.2 nF + 2 nF,
Rbus = 510 Ω,
20-80%,VB_IN = 18 V
1.2
-
11
V/
µs
LIN(Bus
Receiver)
T_SD_HIGH
Temperature shut
down
-
185
-
200
°C
LIN
T_SD_LOW
Temperature shut
down recover
-
175
-
190
°C
LIN
T_SD_hys
Temperature shut
down hysteresis
-5
-
10
°C
LIN
-
Thermal shutdown
analog filter time
Guaranteed by design
1.5
-
4
µs
LIN
-
Digital deglitch
filter time on
Temperature shut
down detection
Guaranteed by scan
-
10
-
µs
LIN
Rslave(1)
-
-
20
30
60
kΩ
LIN
VserDiode(1)
Diode drop + pull-
up resistor drop
Ibias = 10 µA
0.4
0.7
1.0
V
LIN
VserDiode_drop Diode drop
Ibias= 550 µA
Guaranteed by design
0.4
0.7
1.0
V
LIN
CLINIO
LINIO input
capacitance
Guaranteed by design
-
-
25
pF
LIN
1. LIN Physical Layer Spec Revision 2.1 November 24, 2006; Page 119
Table 82. Electrical characteristics of LIN interface (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com