Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 167 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 163Page - STMicroelectronics L9788 Datasheet HTML 164Page - STMicroelectronics L9788 Datasheet HTML 165Page - STMicroelectronics L9788 Datasheet HTML 166Page - STMicroelectronics L9788 Datasheet HTML 167Page - STMicroelectronics L9788 Datasheet HTML 168Page - STMicroelectronics L9788 Datasheet HTML 169Page - STMicroelectronics L9788 Datasheet HTML 170Page - STMicroelectronics L9788 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 264 page
background image
DS12308 Rev 4
167/264
L9788
LIN/K-LINE interface
263
tLIN1 (Time Out)
LIN permanent
recessive
-30
40
50
µs
LIN
tLIN2
LIN permanent
dominant
-
9
12
15
ms
LIN
ViD_LIN
Input voltage for
dominant state
Application information
-
-
0.4
VB_IN
V
LIN(Bus
Receiver)
Vth_DOM
Input voltage for
dominant threshold
Application information
0.4
VB_IN
0.45
VB_IN
0.5
VB_IN
V
LIN(Bus
Receiver)
ViR_LIN
Input voltage for
recessive state
-
0.6
VB_IN
-
VB_IN
V
LIN(Bus
Receiver)
Vth_REC
Input voltage for
recessive
threshold
-
0.5
VB_IN
0.55
VB_IN
0.6
VB_IN
V
LIN(Bus
Receiver)
Vth_CNT =
(Vth_REC +
Vth_DOM) / 2
Input receiver
tolerance center
voltage
-
0.475
VB_IN
0.5
VB_IN
0.525
VB_IN
V
LIN(Bus
Receiver)
Vth_HYS =
Vth_REC -
Vth_DOM
Input voltage
hysteresis voltage
-
0.07
VB_IN
0.1
VB_IN
0.175
VB_IN
V
LIN(Bus
Receiver)
tdly(LIN)HL
Output delay time
HtoL
Cbus = 10 nF,
Pull up = 500 Ω
--
50
µs
LIN(Bus
Receiver)
tdly(LIN)LH
Output delay time
LtoH
Cbus = 10 nF,
Pull up = 500 Ω
--
50
µs
LIN(Bus
Receiver)
tDLY_HL
Input delay time
HtoL
CRXD=20pF
-
-
6
µs
LIN(Bus
Receiver)
tDLY_LH
Input delay time
LtoH
CRXD=20pF
-
-
6
µs
LIN(Bus
Receiver)
tDLY
Input delay time
tDLY_HL- tDLY_LH
-2
-
2
µs
LIN(Bus
Receiver)
D1
Duty Cycle
Thresmax = 0.744VB_IN,
Thdommax = 0.581VB_IN,
VB_IN = 7-18 V,
tbit = 50 µs,
D1 = tbus_resmin/(2xtbit)
0.396
-
-
-
LIN(Bus
Receiver)
D2
Duty Cycle
Thresmin = 0.422VB_IN,
Thdommin = 0.284VB_IN,
VB_IN = 7.6-18V,
tbit = 50 µs,
D2 = tbus_resmax/(2xtbit)
-
-
0.581
-
LIN(Bus
Receiver)
D3
Duty Cycle
Thresmax = 0.778VB_IN,
Thdommax = 0.616VB_IN,
VB_IN = 7-18 V,
tbit = 96 µs,
d3 = tbus_resmin/(2xtbit)
0.417
-
-
-
LIN(Bus
Receiver)
Table 82. Electrical characteristics of LIN interface (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com