Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 146 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 142Page - STMicroelectronics L9788 Datasheet HTML 143Page - STMicroelectronics L9788 Datasheet HTML 144Page - STMicroelectronics L9788 Datasheet HTML 145Page - STMicroelectronics L9788 Datasheet HTML 146Page - STMicroelectronics L9788 Datasheet HTML 147Page - STMicroelectronics L9788 Datasheet HTML 148Page - STMicroelectronics L9788 Datasheet HTML 149Page - STMicroelectronics L9788 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 264 page
background image
CAN FD interface
L9788
146/264
DS12308 Rev 4
12
CAN FD interface
Figure 66. CAN FD interface diagram
The pins related to this block are:
CANH;
CANL;
CANTX;
CANRX;
GND_CAN;
VB_CAN;
VDD_CAN
VDD_CAN= 5V is the supply for the CAN transceiver block. The voltage on this pin is
monitored and if the voltage is below VDD_CAN_SUP_LOW for a tcansuplow filter time an
undervoltage fault on VDD_CAN is detected. The fault is latched in a dedicated MSC flag
CAN_SUP_LOW until an MSC Upstream Read14 is given. While the undervoltage fault is
detected on VDD_CAN the CAN transmitter stays disabled (not MSC read clear access is
necessary to restore the transmitter just the fault detection expiration).
RX_ECHO
CAN_ON
EN
VDD_CAN
CAN_TX
TX
RX
CAN_RX
VDD_CAN
CANL
GND_CAN
CANH
-
+
V3V3_EOT
V3V3_EOT
V3V3_DIG
DIG
V5V
CAN_LOGIC
CAN_OSC
VDD_CAN
OV / UV
MSC_BIT
GADG0912161250PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com