Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 145 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 141Page - STMicroelectronics L9788 Datasheet HTML 142Page - STMicroelectronics L9788 Datasheet HTML 143Page - STMicroelectronics L9788 Datasheet HTML 144Page - STMicroelectronics L9788 Datasheet HTML 145Page - STMicroelectronics L9788 Datasheet HTML 146Page - STMicroelectronics L9788 Datasheet HTML 147Page - STMicroelectronics L9788 Datasheet HTML 148Page - STMicroelectronics L9788 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 264 page
background image
DS12308 Rev 4
145/264
L9788
Inductive sensor interface
263
Conditions:
5.5 V ≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
Note:
When FLW_IN_P and FLW_IN_N are both in input high clamping condition, the clamp
voltage of FLW_IN_N is 30 mV (typical) higher than FLW_IN_P.
Table 62. Flying wheel interface function - Diagnosis test
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
ViThL
Input high-to-low
differential threshold
voltage
--50
0
50
mV
FLW_IN_P
FLW_IN_N
VCM
Common mode
operating range
Not to be tested. It is an
application note.
01.65
3
V
FLW_IN_P
FLW_IN_N
VclpH
Input high clamping
voltage
|I_FLW_IN_P|=|I_FLW_IN_N|=
20 mA, device ON
3.3
-0.3
-
3.3
+0.3
V
V
FLW_IN_P
FLW_IN_N
VclpH
Input high clamping
voltage
|I_FLW_IN_P|=|I_FLW_IN_N|=
20 mA, device OFF
1-
2.8
V
FLW_IN_P
FLW_IN_N
VclpL
Input low clamping
voltage
|I_FLW_IN_P|=|I_FLW_IN_N|=
20 mA
-1.5
-
-0.3
V
FLW_IN_P
FLW_IN_N
Vopenload
Output open load
voltage
FLW_IN_P = FLW_IN_N =
Vopenload
1.5
(3.3) /2
1.8
V
FLW_IN_P
FLW_IN_N
Ibvrsp
Input bias current
Vrsp
VRS_INP -> FLW_IN_P
-
-
2
µA
FLW_IN_P
FLW_IN_N
Ibvrsm
Input bias current
Vrsm
FLW_IN_N = Vopenload
--
2
µA
FLW_IN_P
FLW_IN_N
VOL
Output Low Voltage
VDD5 = 5 V or 3.3 V
Isink current = 2 mA
--
0.5
V
FLW_OUT
VOH
Output High Voltage
VDD5 = 5 V or 3.3 V
Isource current = 2 mA
VDD5
-0.5
--
V
FLW_OUT
Ilk_outvrs
Input leakage current
to GND
--
-
1
µA
FLW_OUT
Ilk_outvrs
Input leakage current
to VDD5
--
-
8
µA
FLW_OUT
Td_on_outvrs Delay on falling edge Test Ext cap = 300 pF
-
-
1
µs
FLW_OUT
Td_off_outvrs Delay on rising edge
Input signal=4ms
-
-
150
µs
FLW_OUT
T_r_Out_vrs
MRX Rise Time
Test Ext cap = 300 pF
-
-
150
ns
FLW_OUT
T_f_Out_vrs
MRX Fall Time
Test Ext cap = 300 pF
-
-
150
ns
FLW_OUT
Voutdiag
Output diag voltage
FLW_IN_P = open; diag mode
0.9
(3.3)/3
1.3
V
FLW_OUT
Ioutdiag
Output diag Current
FLW_IN_P = open;
FLW_IN_N= GND; diag mode
50
65
80
µA
FLW_OUT
Voutsh
Vbdiagth
Output Short-circuit
range to VBAT Open
Load threshold
FLW_IN_P = open;
FLW_IN_N = Vramp; diag mode
2.8
3
3.2
V
FLW_OUT
Voutshgnddiagth
Output Short-to GND
range threshold
FLW_IN_P = open;
FLW_IN_N = Vramp; diag mode
1.1
1.3
1.5
V
FLW_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com