Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 136 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 132Page - STMicroelectronics L9788 Datasheet HTML 133Page - STMicroelectronics L9788 Datasheet HTML 134Page - STMicroelectronics L9788 Datasheet HTML 135Page - STMicroelectronics L9788 Datasheet HTML 136Page - STMicroelectronics L9788 Datasheet HTML 137Page - STMicroelectronics L9788 Datasheet HTML 138Page - STMicroelectronics L9788 Datasheet HTML 139Page - STMicroelectronics L9788 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 264 page
background image
Inductive sensor interface
L9788
136/264
DS12308 Rev 4
11.2
VRS - Normal mode
The VRS normal mode is set with VR_DIAG=0
In Normal mode, the circuit is configured as the one reported in Figure 56. It allows
decoding the VRS signal while flying wheel is in rotation.
Due to high variability of the input signal (±200 V) The input is clamped in the range
[VclpH:VclpL] in order to allow the analog circuitry processing the signal itself. Moreover, the
sensor input pins have an input common mode, VCM.
The preconditioned input signal is then processed by a zero-crossing comparator, which
toggles at each transition of the input signal.
Figure 56. VRS block diagram - Normal operating mode
To avoid spurious commutations of the zero crossing comparator, a hysteresis mechanism
is implemented. L9788 is able to sink a hysteresis current which generates a voltage drop
across the external resistors. The voltage levels related to the hysteresis function shown
hereafter are calculated considering an external series resistance of 10 kΩ on FLW_IN_P
and 10 kΩ on FLW_IN_N pins.
As reported in Figure 57, the Vdiff (FLW_IN_P - FLW_IN_N) input differential signal exhibits
some steps at each zero crossing:
when the output of the zero crossing comparator is high, the hysteresis current is kept
OFF;
when the output of the zero crossing comparator is low, the hysteresis current is
switched ON.
This approach applies the hysteresis current only on the transition L-H of the VRS_FB
signal.
FLW_IN_N
FLW_IN_P
VRS_HYST_FB
Filter Time
HYSTERESIS
SELECTOR
SENSOR
VRS
Vcm_NORM
LIMITED / FULLY
ADAPTIVE
MANUAL
SPI
VRS_CONF_
MODE_1
FLW_OUT
VRS_FB
GADG0612160922PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com