Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 116 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 112Page - STMicroelectronics L9788 Datasheet HTML 113Page - STMicroelectronics L9788 Datasheet HTML 114Page - STMicroelectronics L9788 Datasheet HTML 115Page - STMicroelectronics L9788 Datasheet HTML 116Page - STMicroelectronics L9788 Datasheet HTML 117Page - STMicroelectronics L9788 Datasheet HTML 118Page - STMicroelectronics L9788 Datasheet HTML 119Page - STMicroelectronics L9788 Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 264 page
background image
High/low-side drivers - STARTER STR[1:3]
L9788
116/264
DS12308 Rev 4
I_HS_PD1
Diagnostic pull
down current in
high-side
configuration
In OFF condition, OUTx
STRx_SRC >VHVT,
Ipupd_EN
IPUPD_EN_STRx =ENB,
Ipupd_MODE =”1”
2.5
3.6
4.7
mA
STR1/2/3
I_HS_PD2
In OFF condition, OUTx
STRx_SRC >VHVT,
Ipupd_EN
IPUPD_EN_STRx =ENB,
Ipupd_MODE =”0”
40
70
100
µA
STR1/2/3
I_HS_PU1
Diagnostic pull
up current in
high-side
configuration
In OFF condition,
OUTx STRx_SRC
<VOUTOPEN,
Ipupd_EN
IPUPD_EN_STRx =ENB
STR_SRCx = 1.9 V
35
-
75
µA
STR1/2/3
I_HS_PU2
In OFF condition,
OUTx STRx_SRC
<VOUTOPEN,
Ipupd_EN
IPUPD_EN_STRx =ENB
STR_SRCx = 0 V
100
-
180
µA
STR1/2/3
I_HS_OUT_Dis1
Output current
in high-side
configuration
(measured on
STR_SRC)
OFF condition, Diagoff
disabled,
STR_SRC > or = 0 V
-15
-
+15
µA
STR1/2/3
I_HS_OUT_Dis2
OFF condition, Diagoff
disabled,
STR_SRC < 0 V
-190
-
+10
µA
STR1/2/3
V_negative_threshold
Output voltage
of STR_SRC
below which the
output current is
measured again
OFF condition, Diagoff
disabled
Guaranteed by design
-
-
-0.2
V
STR1/2/3
V_positive_threshold
Positive
threshold of
internal
comparator
responsible of
remove output
current on
STR_SRC pin
(over this
voltage
negligible
current is
guaranteed by
compensation
circuit)
OFF condition, Diagoff
disabled
Guaranteed by design
-
1.8
-
V
STR1/2/3
Table 50. High/low-side driver - STARTER electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com