Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9788 Datasheet(PDF) 185 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 185 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 181Page - STMicroelectronics L9788 Datasheet HTML 182Page - STMicroelectronics L9788 Datasheet HTML 183Page - STMicroelectronics L9788 Datasheet HTML 184Page - STMicroelectronics L9788 Datasheet HTML 185Page - STMicroelectronics L9788 Datasheet HTML 186Page - STMicroelectronics L9788 Datasheet HTML 187Page - STMicroelectronics L9788 Datasheet HTML 188Page - STMicroelectronics L9788 Datasheet HTML 189Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 264 page
background image
DS12308 Rev 4
185/264
L9788
Micro second channel (MSC) interface
263
Figure 87. MSC upstream commands example
18.4
Micro Second Channel activity watchdog
MSC data frames are monitored to be sent in intervals shorter than tMSC_mon. If L9788
receives no valid data frame for longer than tMSC_mon, it will switch off all the drivers,
removing driver enable command, and the error flag (TRANS_F) is set to 1 and internal
signal "OUT_DIS" will be set to "0". Note: OUT_DIS = driver_en (Read11 frame 1);
tMSC_mon is the time needed to send OUT_DIS, it is different from time needed to turn off
drivers (which can be different depending on driver type, the maximum time to turn off all
drivers is about 300 µs).
To enable again the outputs, the µC has to read the TRANS_F and then send the command
Enable_Driver, and then outputs are reactivated with the first correct data frame. If the fault
flag is not cleared the Enable_Driver command is ignored.
By default the Micro Second Channel activity watch dog is enabled and the monitoring time
will start after writing of the internal signal OUT_DIS bit by Enable_Driver command. Each
time L9788 receives a valid data frame the tMSC_on timer is reset. This means that micro
controller can drive the outputs only when the monitoring module is active.
It is also possible to enable /disable the Micro Second Channel activity watch dog through
MSC_ACT_EN bit (CONFIG_REG2 D0), 0= disable and 1 = enable (reset value).
Read command 1: 1-101010-101010101
Read command 2: 1-101010-010101010
Read command 3: 1-010101-011001100
End Frame1 = 0-0101-10101010-Pb-
End Frame2 = 0-0101-01010101-Pb-
End Frame3 = 0-1010-01100110-Pb-
End Frame4 = 0-1010-11010101-Pb-
End Frame5 = 0-0010-01110111-Pb-
End Frame6 = 0-0010-10101110-Pb-
Inverted read C0-C3 bits
Read D0-D8 bits
Down stream
First
frame
Last
frame
Interframe
D0-D8 => read frames data
C0-C5
16 Frames + end
16
Read
Up stream
GADG1312161244PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com