Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 11Page - NXP Semiconductors PCA9420 Datasheet HTML 12Page - NXP Semiconductors PCA9420 Datasheet HTML 13Page - NXP Semiconductors PCA9420 Datasheet HTML 14Page - NXP Semiconductors PCA9420 Datasheet HTML 15Page - NXP Semiconductors PCA9420 Datasheet HTML 16Page - NXP Semiconductors PCA9420 Datasheet HTML 17Page - NXP Semiconductors PCA9420 Datasheet HTML 18Page - NXP Semiconductors PCA9420 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
8.11.1 Enable/disable and active discharge
Enable/disable: Each rail can be enabled/disabled via I2C register setting independently
in each mode setting.
Active discharge: Additionally, there is an active discharge resistor on each rail, and
the user can choose to enable/disable such feature through I2C register setting, so that
when the output rail is disabled, it can quickly discharge the output voltage to ground.
In addition, the active discharge is also enabled during voltage step down. This can be
disabled by MTP bit.
If the active discharge bleeding resistor is enabled AND there is a change of the Buck
regulators' output voltage to a lower value (i.e. from 0.9 V to 0.75 V) there could be a
small voltage peak of 5 % higher than the initial voltage (for 10 µs) during the transition. If
this behavior is not desired, the bleeding resistor can be disabled (nEN_SW1_BLEED = 1
or nEN_SW2_BLEED = 1) but with the effect of a potentially longer transition to the new
voltage of the buck regulator output
8.11.2 Power-good indication
There is an output voltage comparator for each rail, comparing the actual output voltage
against 90 % and 110 % of its target value; when the actual voltage is between 90 % and
110 % of its target value, the read-only related bits in I2C register, Regulator Status_1
(address: 20h) are updated accordingly to report the output voltage status (Power-good
Indication). These comparators can be enabled/disabled by setting I2C register bit,
PG_EN. A corresponding interrupt is triggered if unmasked. During steady state, only
90 % threshold is monitored.
The power-good indication is shown as “not good”, and refreshes upon the completion of
any of the following events:
1. During the power-up sequence stage
2. During power-down sequence stage
3. During the on-the-fly change of output voltage
8.11.3 Power-up/down sequence and on-the-fly voltage change
Power-up sequence
The device initiates the default power-up sequence in three different conditions.
Condition 1) The device is off with no any power supply (No valid VIN and No battery
with 2.7 V or above attached). In this condition, two signals below are able to start the
default power-up sequence.
• A valid VIN supply on VIN pin
• A voltage on ASYS higher than ASYS_UVLO, a 2.8 V typical
Condition 2) The device stays off by enabling SHIPMODE or in SHIP mode with a
battery ≥ 2.8 V attached. In this condition, two signals are able to start the default power-
up sequence.
• A valid VIN supply on VIN pin
• A falling edge on ON key over a 200 µs
Condition 3) The device stays off by enabling PWR_DN_EN bit setting to 1 with a
battery ≥ 2.8 V attached. In this condition, only one signal is able to start the default
power-up sequence.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
15 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com