Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 59Page - NXP Semiconductors PCA9420 Datasheet HTML 60Page - NXP Semiconductors PCA9420 Datasheet HTML 61Page - NXP Semiconductors PCA9420 Datasheet HTML 62Page - NXP Semiconductors PCA9420 Datasheet HTML 63Page - NXP Semiconductors PCA9420 Datasheet HTML 64Page - NXP Semiconductors PCA9420 Datasheet HTML 65Page - NXP Semiconductors PCA9420 Datasheet HTML 66Page - NXP Semiconductors PCA9420 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
13 Electrical characteristics
Unless otherwise specified, VVIN=5 V, VVBAT=3.8 V, LDO1_OUT=1.8 V,
LDO2_OUT=1.8 V. CVIN=2.2 µF/10 V, CASYS=4.7 µF/10 V, CVBAT=1 µF/10 V,
CLDO1_OUT=1 µF/6.3 V, CLDO2_OUT=2.2 µF/6.3 V, CSW1_OUT=10 µF/6.3 V,
CSW2_OUT=10 µF/6.3 V, LSW1 =2.2 µH, LSW2 =2.2 µH, Tamb= -40 °C to +85 °C, Typical
value at Tamb=25 °C
13.1 Top level parameter
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBAT QUIESCENT CURRENT
TJ = 25 °C
2.9
4.5
IBAT_NOLOAD1
VBAT quiescent Current
VBAT=4.5 V
SW1, SW2, LDO1, LDO2
enabled, no load. No
switching on SW1, SW2.
VIN = open, charger disabled
TJ = 85 °C [1]
4.5
8
µA
TJ = 25 °C
3.5
5
IBAT_NOLOAD2[1]
VBAT quiescent Current
VBAT = 4.5 V SW1, SW2,
LDO1, LDO2
enabled, no load.
Switching on SW1, SW2.
VIN = open, charger disabled
TJ = 85 °C
5.5
11
µA
TJ = 25 °C
750
1200
IBAT_DISABLE[1]
VBAT quiescent Current
VBAT = 4.5 V SW1, SW2,
LDO1, LDO2
Disabled
VIN = open, charger disabled
TJ = 85 °C
1500
3000
nA
IBAT_SHIP
VBAT quiescent current
VBAT=4.5 V
VIN =open, Ship
Mode activated at TJ
= 25 °C
100
150
nA
VIN
VINUVLO
VIN Under voltage
lock-out
I2C programmable in
200 mV steps, VIN
Falling
2.9
3.5
V
VINUVLO Accuracy
-5
+5
%
VINUVLO_HYS
Hysteresis on VINUVLO
200
mV
VINOVP
I2C programmable
at 5.5 V or 6 V, VIN
Rising
5.5
6.0
V
VINOVP Accuracy
Input over- voltage protection
threshold
-3.5
+3.5
%
VINOVP Hysteresis
VIN Falling
100
mV
tDGL(VINOVP) [1]
Input over-voltage reaction
time
VIN: 5 V → 7 V, 1 V/
µs
1.5
3
µs
Table 80. EC table for Top level
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
63 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com