Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 20Page - NXP Semiconductors PCA9420 Datasheet HTML 21Page - NXP Semiconductors PCA9420 Datasheet HTML 22Page - NXP Semiconductors PCA9420 Datasheet HTML 23Page - NXP Semiconductors PCA9420 Datasheet HTML 24Page - NXP Semiconductors PCA9420 Datasheet HTML 25Page - NXP Semiconductors PCA9420 Datasheet HTML 26Page - NXP Semiconductors PCA9420 Datasheet HTML 27Page - NXP Semiconductors PCA9420 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
8.14 Device level protection features
The device contains several protection features at both the complete IC level and have
a reaction at each of the functional blocks (linear charger, DC-DC converters, LDOs).
There are additional protection mechanisms at the functional block level, but those are
already documented on its respective functional description section.
Protection reaction
Condition
Triggering point
Overall Device state
Linear charger
DC-DC converters
LDOs
Register contents
VIN undervoltage
VIN < VIN_UVLO
Operational
Disabled
Remain operational
although might deliver a
reduced output voltage
(due to low VIN)
Remain operational
although might deliver a
reduced output voltage
(due to low VIN)
Maintained. Interrupt
triggered, status
reported.
VIN overcurrent
(ILIM)
VIN current is > VIN_
ILIM
Reset if ASYS < ASYS_
UVLO; otherwise
Operational
RESET state if ASYS <
VBAT_Vheadroom; otherwise
operational
Remain operational up
to the point of ASYS_
UVLO
Remain operational up
to the point of ASYS_
UVLO
Maintained unless reset
happened; Interrupt and
status reported.
ASYS undervoltage ASYS < ASYS_UVLO
RESET
RESET state
Turned off, restarted
in initial state when
condition goes away
Turned off, restarted
in initial state when
condition goes away
Reset to their default
value
IC overtemperature Chip temperature >
THM_REG
RESET
RESET state
Turned off, restarted
in initial state when
condition goes away
Turned off , restarted
in initial state when
condition goes away
Reset to their default
value. Status available
in register 0x71.
Watchdog timer
expiration
Watchdog counter >
WD_Timer_0 setting
Operational
Depends on the value of
nEN_CHG_IN_WATCHDOG
bit
Set to mode 0
Set to mode 0
Maintained. Status
available in register
0x71.
Table 6. Device level protection features
9 I2C-bus interface and register
The PCA9420 implements an I2C-bus target interface to communicate with the host
system. The interface supports Fast Mode plus Fm+ with up to 1 Mbit/s. A detailed
description of the I2C-bus specification is given in UM10204, Rev. 06, 4 April 2014 ,“ I2C-
bus specification and user manual”.
Features such as clock-stretching and 10-bit target address are not supported; general
call is supported by default but can be disabled via metal option. Auto increment with
address wrap-around is supported as well.
9.1 I2C target address
Following a START condition, the bus controller must send the target address followed by
a read or write operation. The target address of the PCA9420 is shown below:
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
1
1
0
0
0
0
1
0/1
Fixed
Fixed
Fixed
MTP option
Fixed
Fixed
Fixed
R/W
Table 7. I2C target address
Bit 4 should be reserved as MTP option, with its default value set as “0” but can be
trimmed to “1” when needed.
9.2 General call and device ID addresses
The device implements two different addresses for general call and device ID.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
24 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com