Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 61 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 61 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 57Page - NXP Semiconductors PCA9420 Datasheet HTML 58Page - NXP Semiconductors PCA9420 Datasheet HTML 59Page - NXP Semiconductors PCA9420 Datasheet HTML 60Page - NXP Semiconductors PCA9420 Datasheet HTML 61Page - NXP Semiconductors PCA9420 Datasheet HTML 62Page - NXP Semiconductors PCA9420 Datasheet HTML 63Page - NXP Semiconductors PCA9420 Datasheet HTML 64Page - NXP Semiconductors PCA9420 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default
value
Type
Function
7
ON_FILTERED
1
R
ON pin status; low level debounced for 5 ms (high level
propagates instantly). Write to this bit has no effect.
6:5
RSVD
0
RO
Reserved bits
4
THM_STDN_DONE
0
RW
PMIC exited thermal shutdown. All registers reset to defaults.
Write 1 to clear.
3
SHIP_EXIT_DONE
0
RW
PMIC exited Ship mode. All registers reset to defaults. Write
1 to clear.
2
SW_RST_DONE
0
RW
A system reset caused by Software Reset command has
occurred. All registers were reset to their defaults. Write 1 to
clear.
1
WD_RST_DONE
0
RW
A system reset caused by Watchdog Timer has occurred.
Registers were NOT reset to their defaults. Write 1 to clear.
0
LONG ON_DONE
0
RW
A system reset caused by long ON press has occurred. All
registers were reset to their defaults. Write 1 to clear.
Table 76. RESET monitor register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
61 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com