Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 19Page - NXP Semiconductors PCA9420 Datasheet HTML 20Page - NXP Semiconductors PCA9420 Datasheet HTML 21Page - NXP Semiconductors PCA9420 Datasheet HTML 22Page - NXP Semiconductors PCA9420 Datasheet HTML 23Page - NXP Semiconductors PCA9420 Datasheet HTML 24Page - NXP Semiconductors PCA9420 Datasheet HTML 25Page - NXP Semiconductors PCA9420 Datasheet HTML 26Page - NXP Semiconductors PCA9420 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
For more details, see Figure 10.
8.12.4 Low-battery/dead-battery (pre-qualification) charging
If the battery is detected and VBAT < VBAT_LOW, the charger initiates pre-charging
using a predefined (I2C register) current.
When it is under the dead-battery condition, the charging current ICHG_DEAD is
programmed by ICHG_DEAD [5:0]; and when it is under the low-battery condition, the
charging current ICHG_LOW is programmed by ICHG_LOW [5:0]. When VBAT ≥ VBAT_LOW,
the charger moves to the next state, fast charging mode.
8.12.5 Constant current charging/constant voltage charging (fast charging) and
termination
When VBAT ≥ VBAT_LOW, the charger enters Fast Charge Mode (Constant Current). In this
state, the battery voltage VBAT continues to rise, while the battery is being charged with
the current set by ICHG_CC [5:0], until VBAT reaches the maximum allowable voltage
set by VBAT_REG [5:0].
At this time, the charger enters the Constant Voltage (CV) mode. While operating in
the CV mode, the voltage is still regulated at the level set by VBAT_REG [5:0], and the
charging current continues to decrease.
When the charging current drops below the top-off current threshold, set by
ICHG_TOPOFF [5:0], the charger enters TOPOFF mode, and upon expiration of
TOPOFF timer (set by T_TOPOFF [1:0]), the charger enters DONE mode.
8.12.6 Charger safety timers
Two sets of charging safety timers are implemented on PCA9420. These timers
ensure the charging is terminated if the charging time is longer than its predefined limit
(programmed via I2C registers) at given states:
• Pre-qualification timer, set by ICHG_PREQ_TIMER [1:0], 15 min to 60 min
• Fast charge timer, set by ICHG_FAST_TIMER [1:0], 3 hr to 9 hr
8.12.7 Recharging
While in DONE mode, if the voltage of VBAT stays below (a programmed VBAT_REG –
140 mV or 240 mV) over the deglitch time (tDGL_BAT_RESTART), 50 ms the battery charger
resumes back to Constant Current (CC) Mode.
8.12.8 Starting a new charge cycle
When a VIN plug in, VBAT attached, or CHG_EN are set to “1”, the device initializes a
new charging process.
8.13 Hardware and software reset
Please refer to description for ON pin for the hardware reset function by a long time
ON key pressed. The "software reset” is achieved by setting “1” to SW_RST bit in I2C
register. If the user writes a “1” to this bit, it resets all other I2C register bits to their default
setting; this bit is cleared and reset back to “0” as well.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
23 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com