Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 37Page - NXP Semiconductors PCA9420 Datasheet HTML 38Page - NXP Semiconductors PCA9420 Datasheet HTML 39Page - NXP Semiconductors PCA9420 Datasheet HTML 40Page - NXP Semiconductors PCA9420 Datasheet HTML 41Page - NXP Semiconductors PCA9420 Datasheet HTML 42Page - NXP Semiconductors PCA9420 Datasheet HTML 43Page - NXP Semiconductors PCA9420 Datasheet HTML 44Page - NXP Semiconductors PCA9420 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
7
RSVD
0
R/W
Reserved bit
6
VBAT_RESTART 0
R/W
Program a threshold for recharge
0: 140 mV below a programmed VBAT_REG
1: 240 mV below a programmed VBAT_REG
Note: The default value should be 1-bit MTP programmable.
5
4
3
2
1
0
VBAT_REG
[5:0]
011110
R/W
Program a battery regulation voltage, VBAT_REG
Note: The current default value for VBAT_REG [5:0] is set at
4.20 V, but it should be MTP programmable.
Table 32. CHG_CNTL5 register bit description
00h: 3.60 V
10h: 3.92 V
20h: 4.24 V
30h: 4.56 V
01h: 3.62 V
11h: 3.94 V
21h: 4.26 V
31h: 4.58 V
02h: 3.64 V
12h: 3.96 V
22h: 4.28 V
32h: 4.60 V
03h: 3.66 V
13h: 3.98 V
23h: 4.30 V
33 to 3Fh: 4.60 V
04h: 3.68 V
14h: 4.00 V
24h: 4.32 V
05h: 3.70 V
15h: 4.02 V
25h: 4.34 V
06h: 3.72 V
16h: 4.04 V
26h: 4.36 V
07h: 3.74 V
17h: 4.06 V
27h: 4.38 V
08h: 3.76 V
18h: 4.08 V
28h: 4.40 V
09h: 3.78 V
19h: 4.10 V
29h: 4.42 V
0Ah: 3.80 V
1Ah: 4.12 V
2Ah: 4.44 V
0Bh: 3.82 V
1Bh: 4.14 V
2Bh: 4.46 V
0Ch: 3.84 V
1Ch: 4.16 V
2Ch: 4.48 V
0Dh: 3.86 V
1Dh: 4.18 V
2Dh: 4.50 V
0Eh: 3.88 V
1Eh: 4.20 V
(default)
2Eh: 4.52 V
0Fh: 3.90 V
1Fh: 4.22 V
2Fh: 4.54 V
Table 33. VBATREG, linear battery charger regulated battery voltage setting
9.5.20 Battery charger control_6 (CHG_CTL6, address 16h)
This register stores the present status of chip, part 7, linear battery charger related
status. This is a READ AND WRITE register, and this register is locked by CHG_LOCK.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
41 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com