Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9420 Datasheet HTML 1Page - NXP Semiconductors PCA9420 Datasheet HTML 2Page - NXP Semiconductors PCA9420 Datasheet HTML 3Page - NXP Semiconductors PCA9420 Datasheet HTML 4Page - NXP Semiconductors PCA9420 Datasheet HTML 5Page - NXP Semiconductors PCA9420 Datasheet HTML 6Page - NXP Semiconductors PCA9420 Datasheet HTML 7Page - NXP Semiconductors PCA9420 Datasheet HTML 8Page - NXP Semiconductors PCA9420 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
6.2 Pin description
Pin
Symbol
HVQFN24
WLCSP25
Pin Type
Description
INPUT SUPPLY
VIN
16
C1
P
Input supply voltage. Bypass with a 2.2 µF/10 V ceramic
capacitor. If VIN is greater than 6 V, the voltage rating shall
be changed to a higher voltage than the maximum voltage
in applications.
ASYS
17
B1
P
Bypass output of VIN and input supply voltage for LDO2
and linear charger, connect with a typical 4.7 µF or
10 µF/10 V decoupling capacitor.
VBAT_BKUP
13
D2
P
Backup battery input voltage. LDO1 is powered by the
greater of ASYS or VAT_BKUP. If a back-up battery with a
coin cell is not connected, connect the pin to VBAT power
domain. Connect with a typical 0.47 µF/6.3 V decoupling
capacitor.
LINEAR CHARGER
VBAT
18
A1
P
Battery (+) connection point. A typical 1 µF/10 V decoupling
capacitor should be connected between VBAT to system
ground.
TS
14
C2
I
Battery temperature sensing pin. An external thermistor is
connected between TS pin and system ground. If the pin is
not used, leave the pin open.
BUCK1 STEP_DOWN CONVERTER (SW1)
PSYS1
20
A2
P
Input supply for SW1. Bypass with a typical 1 µF/10 V
ceramic capacitor. Connect to ASYS power domain as short
as possible in the system.
LX1
22
A3
P
Switching node for SW1. Connect to a 2.2 µH inductor. If the
pin is not used, leave the pin open.
SW1_OUT
19
B2
I
Feedback pin. Bypass with a 10 µF/6.3 V ceramic capacitor.
If the pin is not used, tie to PSYS1.
PGND1
23
A4
P
Power ground for buck 1 (SW1). Connect ground nodes of
two bypass capacitors for PSYS1 and SW1_OUT as close
to PGND1 pin as possible in the system.
BUCK2 STEP_DOWN CONVERTER (SW2)
PSYS2
2
C5
P
Input supply for SW2. Bypass with a typical 2.2 µF/10 V
ceramic capacitor. Connect to ASYS power domain as short
as possible in the system.
LX2
1
B5
P
Switching node for SW2. Connect to a 2.2 µH inductor. If the
pin is not used, leave the pin open.
SW2_OUT
3
B4
I
Feedback pin. Bypass with a 10 µF/6.3 V ceramic capacitor.
If the pin is not used, tie to PSYS2.
PGND2
24
A5
P
Power ground for buck 2 (SW2). Connect ground nodes of
two bypass capacitors for PSYS2 and SW2_OUT as close
to PGND2 pin as possible in the system.
LOW_DROPOUT REGULATORS (LDO1 and LDO2)
Table 3. Pin description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
5 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com