Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 34Page - NXP Semiconductors PCA9420 Datasheet HTML 35Page - NXP Semiconductors PCA9420 Datasheet HTML 36Page - NXP Semiconductors PCA9420 Datasheet HTML 37Page - NXP Semiconductors PCA9420 Datasheet HTML 38Page - NXP Semiconductors PCA9420 Datasheet HTML 39Page - NXP Semiconductors PCA9420 Datasheet HTML 40Page - NXP Semiconductors PCA9420 Datasheet HTML 41Page - NXP Semiconductors PCA9420 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
5
4
3
2
1
0
ICHG_TOPOFF
[5:0]
000100b
R/W
Program a top-off current
Note: The current default value for ICHG_TOPOFF [5:0] is set at
4 mA, but it should be MTP programmable.
Table 25. CHG_CNTL2 register bit description...continued
00h: 0mA
10h: 16mA
20h: 32mA
30h: 48mA
01h: 1mA
11h: 17mA
21h: 33mA
31h: 49mA
02h: 2mA
12h: 18mA
22h: 34mA
32h: 50mA
03h: 3mA
13h: 19mA
23h: 35mA
33h: 51mA
04h: 4mA
(default)
14h: 20mA
24h: 36mA
34h: 52mA
05h: 5mA
15h: 21mA
25h: 37mA
35h: 53mA
06h: 6mA
16h: 22mA
26h: 38mA
36h: 54mA
07h: 7mA
17h: 23mA
27h: 39mA
37h: 55mA
08h: 8mA
18h: 24mA
28h: 40mA
38h: 56mA
09h: 9mA
19h: 25mA
29h: 41mA
39h: 57mA
0Ah: 10mA
1Ah: 26mA
2Ah: 42mA
3Ah: 58mA
0Bh: 11mA
1Bh: 27mA
2Bh: 43mA
3Bh: 59mA
0Ch: 12mA
1Ch: 28mA
2Ch: 44mA
3Ch: 60mA
0Dh: 13mA
1Dh: 29mA
2Dh: 45mA
3Dh: 61mA
0Eh: 14mA
1Eh: 30mA
2Eh: 46mA
3Eh: 62mA
0Fh: 15mA
1Fh: 31mA
2Fh: 47mA
3Fh: 63mA
Table 26. Linear battery charger top-off charge current setting
9.5.17 Battery charger control_3 (CHG_CTL3, address 13h)
This register stores the present status of chip, part 3, linear battery charger related
status. This is a READ AND WRITE register,
and this register is locked by
CHG_LOCK.
Bit
Symbol
Default value Type
Function
7
RSVD
0
R/W
Reserved bit
6
RSVD
0
R/W
Reserved bit
Table 27. CHG_CNTL3 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
38 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com