Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 29Page - NXP Semiconductors PCA9420 Datasheet HTML 30Page - NXP Semiconductors PCA9420 Datasheet HTML 31Page - NXP Semiconductors PCA9420 Datasheet HTML 32Page - NXP Semiconductors PCA9420 Datasheet HTML 33Page - NXP Semiconductors PCA9420 Datasheet HTML 34Page - NXP Semiconductors PCA9420 Datasheet HTML 35Page - NXP Semiconductors PCA9420 Datasheet HTML 36Page - NXP Semiconductors PCA9420 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
7:5
VIN_ILIM_SEL
[2:0]
010
R/W
VIN input current limit selection: (min/typ/max)
000: 74 mA/85 mA/98 mA, (another default setting by MTP)
001: 222 mA/255 mA/293 mA
010: 370 mA/425 mA/489 mA (default setting)
011: 517 mA/595 mA/684 mA
100: 665 mA/765 mA/880 mA
101: 813 mA/935 mA/1075 mA
110: 961 mA/1105 mA/1271 mA
111: Input current limit disabled
Note: VIN_ILIM_SEL [1] is the only bit that is MTP configurable
4
OPERATION_SEL_
FROM_SHIPMODE
0
R/W
Ship mode wakeup configuration setting
0: upon VIN plug in, the chip will enable the battery charging
process, AND start the power-up sequence for LDO1/LDO2/
SW1/SW2 per the setting
1: upon VIN plug in, the chip will enable the charging process,
LDO1/LDO2/SW1/SW2 remain in shutdown mode and the chip
will only enable the power-up sequence upon ON pin falling
edge
Note: This bit is MTP configurable
3
PWR_DN_EN[1]
0
R/W
Power-down Sequence Enable
0: Do not start power-down sequence
1: Start power-down sequence
2
nEN_CHG_IN_
WATCHDOG
0
R/W
Configure operations in a programmed watchdog timer expired
0: When the programmed watchdog timer expires, the following
operations take place.
• SYSRSTn signal asserts (high to low)
• Charging is continued
• LDO1/LDO2/SW1/SW2 enters the mode 0 setting
1: When the programmed watchdog timer expires, the following
operations take place.
• SYSRSTn signal asserts (high to low)
• Charging is disabled
• LDO1/LDO2/SW1/SW2 enters the mode 0 setting
1
RSVD
0
R/W
Reserved bit
0
PGood_EN
1
R/W
LDO1, LDO2, SW1, SW2 Output Voltage Status Indication
0: Output voltage power-good comparators are disabled.
This will also set “VOUTSW1 _OK”, “VOUTSW2 _OK”,
“VOUTLDO1_OK” and “VOUTLDO2 _OK” bits to 0
1: Output voltage power-good comparators are enabled
Table 17. TOP_CNTL0 register bit description
[1]
A valid VIN does not generate the initial power-up sequence if all power rails have been turned off by setting PWR_DN_EN to 1. The use of PWR_DN_EN
bit is prohibited to be used in any application that requires power-up sequence by both VIN and ON key.
The use of SHIP_EN_x (x can be 0, 1, 2 &3) is recommended for the application.
9.5.10 Top level control_1 (TOP_CTL1, address 0Ah)
This register contains various configuration bits for top level related functions, part 1. This
is a READ AND WRITE register.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
33 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com