Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 14Page - NXP Semiconductors PCA9420 Datasheet HTML 15Page - NXP Semiconductors PCA9420 Datasheet HTML 16Page - NXP Semiconductors PCA9420 Datasheet HTML 17Page - NXP Semiconductors PCA9420 Datasheet HTML 18Page - NXP Semiconductors PCA9420 Datasheet HTML 19Page - NXP Semiconductors PCA9420 Datasheet HTML 20Page - NXP Semiconductors PCA9420 Datasheet HTML 21Page - NXP Semiconductors PCA9420 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Hardware Reset (ON Long Press) shuts down LDO1 and recycles power up to default
output voltage.
8.11.7 LDO2 (system LDO)
The LDO2 (system LDO) output can be programmed via the I2C register from 1.5 V to
2.1 V, or 2.7 V to 3.3 V at 25 mV/step. Typically, a 2.2 µF/6.3 V MLCC output capacitor
providing at least 250 mA loading current is needed.
8.12 Linear battery charger
The battery charger is a linear charger. Its charging is done through a linear switch with
the following output protections:
• Reverse current protection
– (triggers when ASYS < VBAT+ VINBAT_HEADROOM*)
• Charging current limiting
– (a function of programmed threshold and battery temperature)
• VBAT short circuit protection
– Short circuit output voltage threshold: (typ 0.8 V with 80 mV hysteresis)
– Maximum output sourcing current during “short circuit” detection ~ 13 mA
(VIN2BAT_HEADROOM = 100 mV, typical)
If the battery voltage is below the VBAT_LOW threshold, the battery is considered
discharged and a preconditioning cycle begins. The amount of pre-charge current
(ICHG_LOW) can be programmed through I2C register setting. This feature is useful
when there is a load connected directly across the battery (at VBAT pin) “stealing” the
battery current. The pre-charge current can be set higher to account for the system
loading while allowing the battery to be properly conditioned. Once the battery voltage
has charged to the VBAT_LOW threshold, fast charge is initiated and a programmed fast
charge current (ICHG_CC) is applied. The fast charge constant current is programmed
using I2C register. The constant current provides the bulk of the charge. Power
dissipation in the device is greatest in fast charge with a lower battery voltage.
If the device reaches a programmed thermal regulation threshold temperature (defined
by the configuration on the THM_REG bit fields on the CHG_CNTL7 register) from 85 °C
to 115 °C in 5 °C steps, the device enters thermal regulation. This is indicated by the
TREG_STATUS bit field on the CHG_STATUS_1 register. Thermal regulation increases
the safe-charging-timer period by 2x and reduces the charge current in half (if the initial
current is 5 mA, it will remain unchanged) to keep the temperature from rising any further
when battery charger works in constant current charging mode, or at a reduced regulated
voltage when battery charger works in constant voltage charging mode.
Figure 9 shows the charging profile with a dead battery condition. Once the cell has
charged to the regulation voltage (VBAT_REG) the voltage loop takes control and holds
the battery at the regulation voltage until the current tapers to the termination threshold
(ICHG_TOPOFF).
CHG_LOCK [4:0] bits on Battery charger control_0 (CHG_CTL0, address 10h) register
should be set to ‘10101’ to be able to perform I2C “write” command. Otherwise, when
“write” command is performed on the ‘locked registers’, it keeps the present register
value.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
18 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com