Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 42Page - NXP Semiconductors PCA9420 Datasheet HTML 43Page - NXP Semiconductors PCA9420 Datasheet HTML 44Page - NXP Semiconductors PCA9420 Datasheet HTML 45Page - NXP Semiconductors PCA9420 Datasheet HTML 46Page - NXP Semiconductors PCA9420 Datasheet HTML 47Page - NXP Semiconductors PCA9420 Datasheet HTML 48Page - NXP Semiconductors PCA9420 Datasheet HTML 49Page - NXP Semiconductors PCA9420 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
7
VOUTSW1 _OK 0
R
SW1 VOUT “Power-good” Status
0: VOUT_SW1 is not OK, i.e., VOUTSW1 / VOUTSW1(nominal) ≤
90 % or VOUTSW1 / VOUTSW1(nominal) ≥ 110 %
1: VOUT_SW1 is OK, i.e., 110 % > VOUTSW1 / VOUTSW1(nominal) >
90 %
6
VOUTSW2 _OK 0
R
SW2 VOUT “Power-good” Status
0: VOUT_SW2 is not OK, i.e., VOUTSW2 / VOUTSW2(nominal) ≤
90 % or VOUTSW2 / VOUTSW2(nominal) ≥ 110 %
1: VOUT_SW2 is OK, i.e., 110 % > VOUTSW2 / VOUTSW2(nominal) >
90 %
5
VOUTLDO1 _OK 0
R
LDO1VOUT “Power-good” Status
0: VOUTLDO1 is not OK, i.e., VOUTLDO1 / VOUTLDO1 (nominal) ≤
90 % or VOUT LDO1 / VOUT LDO1 (nominal) ≥ 110 %
1: VOUTLDO1 is OK, i.e., 110 % > VOUTLDO1 / VOUTLDO1
(nominal) > 90 %
4
VOUTLDO2_OK 0
R
LDO2VOUT “Power-good” Status
0: VOUTLDO2 is not OK, i.e., VOUTLDO2 / VOUTLDO2 (nominal) ≤
90 % or VOUTLDO2 / VOUTLDO2 (nominal) ≥ 110 %
1: VOUTLDO2 is OK, i.e., 110 % > VOUTLDO2 / VOUTLDO2
(nominal) > 90 %
3
RSVD
0
R
Reserved bit
2
RSVD
0
R
Reserved bit
1
RSVD
0
R
Reserved bit
0
RSVD
0
R
Reserved bit
Table 42. REG_STATUS register bit description
9.5.27 Active Discharge Regulator control (ACT_DISCHARGE_CNTL, address 21h)
This register stores the control functions of the SW1, SW2, LDO1, LDO2. This is a READ
AND WRITE register.
Bit
Symbol
Default value Type Function
7
RSVD
0
R/W Reserved bit
6
RSVD
0
R/W Reserved bit
5
RSVD
0
R/W Reserved bit
4
RSVD
0
R/W Reserved bit
3
nEN_SW1_BLEED 0
R/W SW1 Output Active Discharge Turn-on Control in the regulator disabled
0: Enable output discharge bleeding resistor
1: Disable Output discharge bleeding resistor
2
nEN_SW2_BLEED 0
R/W SW2 Output Active Discharge Turn-on Control in the regulator disabled
0: Enable output discharge bleeding resistor
1: Disable Output discharge bleeding resistor
Table 43. ACT_DISCHARGE_CNTL register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
46 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com