Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 61Page - NXP Semiconductors PCA9420 Datasheet HTML 62Page - NXP Semiconductors PCA9420 Datasheet HTML 63Page - NXP Semiconductors PCA9420 Datasheet HTML 64Page - NXP Semiconductors PCA9420 Datasheet HTML 65Page - NXP Semiconductors PCA9420 Datasheet HTML 66Page - NXP Semiconductors PCA9420 Datasheet HTML 67Page - NXP Semiconductors PCA9420 Datasheet HTML 68Page - NXP Semiconductors PCA9420 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
TWD_TIMER Range
Watchdog Timer
When enabled via
I2C Programming
-15%
Disable
16
32
64
+15%
s
TCHG_PREQ
Pre-qualification Charging
Safety Timer Range
I2C Programmable,
15 min/step
Note:
When under
thermal fold- back
status, the timer
will extend by 2x
automatically
-15%
15
30
45
60
+15%
min
TCHG_FAST
Fast (CC and CV) Charging
Safety Timer Range
I2C Programmable,
2hr/step
Note:
When under
thermal fold- back
status, the timer
will extend by 2x
automatically
-15%
3
5
7
9
+15%
hrs
POWER UP/DOWN SEQUENCE TIMING[1]
TPWUP_DLY_INI
Power up Initial delay
Time from ON signal
asserts to the first
output rail reaches
90 % of its nominal
value
2
ms
TPWDN_DLY_INTERVAL
Power down interval delay
Delay between
power rail
2
ms
TPWUP_DLY_INTERVAL
Power up interval delay
For power-up: this
is the time from
previous voltage
rail reaches 90 % of
its nominal value to
the time when the
following voltage
rail reaches its 90 %
nominal value
For power-down:
this is the time
from the previous
voltage rail starts
falling to the time the
following rail starts
falling
1
ms
Table 80. EC table for Top level...continued
[1]
Guaranteed by design and characterization; not tested in production.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
65 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com