Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 31Page - NXP Semiconductors PCA9420 Datasheet HTML 32Page - NXP Semiconductors PCA9420 Datasheet HTML 33Page - NXP Semiconductors PCA9420 Datasheet HTML 34Page - NXP Semiconductors PCA9420 Datasheet HTML 35Page - NXP Semiconductors PCA9420 Datasheet HTML 36Page - NXP Semiconductors PCA9420 Datasheet HTML 37Page - NXP Semiconductors PCA9420 Datasheet HTML 38Page - NXP Semiconductors PCA9420 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value
Type
Function
4
3
2
THEM_SHDN
[2:0]
011
R/W
Program a thermal shutdown threshold, TSHDN, in
rising(hysteresis with 20°C)
000: 95 °C
001: 100 °C
010: 105 °C
011: 110 °C
100: 115 °C
101: 120 °C
110: 125 °C
111: reserved
1
0
DIE_TEMP_WARNING
[1:0]
10
R/W
Program a Die temperature warning threshold
00: 75 °C
01: 80 °C
10: 85 °C
11: 90 °C
Table 19. TOP_CNTL2 register bit description...continued
9.5.12 Top level control_3 (TOP_CTL3, address 0Ch)
This register contains various configuration bits for top level related functions, part 3. This
is a READ AND WRITE register.
Bit
Symbol
Default value Type
Function
7
RSVD
0
R/W
Reserved bit
6
RSVD
0
R/W
Reserved bit
5
RSVD
0
R/W
Reserved bit
4
MODE1_I2C
0
R/W
3
MODE0_I2C
0
R/W
Depending on EN_MODE_SEL_BY_PIN_x (x=”0”, or “1”, or “2”, or “3”)
bit setting, the chip mode control is set by either the I2C bit MODE1_
I2C/ MODE0_I2C value, or the signal applied on external MODESEL1/
MODESEL1 pins. Refer to EN_MODE_SEL_BY_PIN description for
more details.
With EN_MODE_SEL_BY_PIN=0, the mode selection is determined
by the following:
[MODE1_I2C: MODE0_I2C] = 00, mode 0 setting
[MODE1_I2C: MODE0_I2C] = 01, mode 1 setting
[MODE1_I2C: MODE0_I2C] = 10, mode 2 setting
[MODE1_I2C: MODE0_I2C] = 11, mode 3 setting
2
SW_RST
0
W/C
Chip software reset bit. If user write “1” to this bit, it will reset all other
I2C register bit to its default setting and cycle the regulator outputs,
and meanwhile, this bit will be clear and reset back to “0” as well.
1
0
ON_GLT_LONG
[1:0]
01
R/W
Program a long glitch timer on ON key
00: 4 s
01: 8 s
10: 12 s
11: 16 s
Note: 2-bit MTP should be reserved to change the default setting
Table 20. TOP_CNTL3 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
35 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com