Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 38Page - NXP Semiconductors PCA9420 Datasheet HTML 39Page - NXP Semiconductors PCA9420 Datasheet HTML 40Page - NXP Semiconductors PCA9420 Datasheet HTML 41Page - NXP Semiconductors PCA9420 Datasheet HTML 42Page - NXP Semiconductors PCA9420 Datasheet HTML 43Page - NXP Semiconductors PCA9420 Datasheet HTML 44Page - NXP Semiconductors PCA9420 Datasheet HTML 45Page - NXP Semiconductors PCA9420 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
7
NTC_RES_SEL
1
R/W
External thermistor typical resistance selection (NTC thermistor bias
current selection)
0: 100 kΩ (I = 5 μA)
1: 10 kΩ (I = 50 μA)
6
TIMER_2X
0
R/W
Charging Safety Timer Extension
0: Both pre-qual and fast charge timer duration keeps as the values set
in ICHG_PREQ_TIMER [1:0] and ICHG_FAST_TIMER [1:0]
1: Both pre-qual and fast charge timer duration is extended to 2x of the
values set in ICHG_PREQ_TIMER [1:0] and ICHG_FAST_TIMER [1:0]
5
4
ICHG_FAST_
TIMER [1:0]
01
R/W
Linear battery charger fast charge timer setting
00: 3 hr
01: 5 hr
10: 7 hr
11: 9 hr
3
2
ICHG_PREQ_
TIMER [1:0]
01
R/W
Linear battery charger pre-qualification charge timer setting
00: 15 min
01: 30 min
10: 45 min
11: 60 min
1
0
T_TOPOFF [1:0] 01
R/W
TOPOFF Timer setting
00: 0 min
01: 6.4 min
10: 12.8 min
11: 19.2 min
Table 34. CHG_CNTL6 register bit description
9.5.21 Battery charger control_7 (CHG_CTL7, address 17h)
This register stores the present status of chip, part 7, linear battery charger related
status. This is a READ AND WRITE register.
Bit
Symbol
Default value Type
Function
7:5
NTC_BETA_SEL
[2:0]
001
R/W
Set the thermistor beta value selection (see below)
4
RSVD
0
R/W
Reserved bit
3
RSVD
0
R/W
Reserved bit
2
1
0
THM_REG
[2:0]
100
R/W
Thermal regulation threshold setting (see below)
Table 35. CHG_CNTL7 register bit description
000: 3434k
010: 3934k
100: 4100k
110: 4543k
001: 3610k
011: 3950k
101: 4311k
111: 4750k
Table 36. Set the thermistor beta value selection (Thermistor beta values below are defined for (25/85°C)
range)
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
42 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com