Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 72Page - NXP Semiconductors PCA9420 Datasheet HTML 73Page - NXP Semiconductors PCA9420 Datasheet HTML 74Page - NXP Semiconductors PCA9420 Datasheet HTML 75Page - NXP Semiconductors PCA9420 Datasheet HTML 76Page - NXP Semiconductors PCA9420 Datasheet HTML 77Page - NXP Semiconductors PCA9420 Datasheet HTML 78Page - NXP Semiconductors PCA9420 Datasheet HTML 79Page - NXP Semiconductors PCA9420 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
14 Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
- - -
SOT905-1
06-03-13
06-03-31
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included
UNIT A
(1)
max
mm
1
0.05
0.00
0.25
0.15
0.45
0.35
0.2
3.1
2.9
2.05
1.75
0.35
0.15
A1
DIMENSIONS (mm are the original dimensions)
HVQFN24: plastic thermal enhanced very thin quad flat package; no leads;
24 terminals; body 3 x 3 x 0.85 mm
0
1.5
3 mm
scale
b
b1
c
D(1)
Dh
3.1
2.9
2.05
1.75
E(1)
Eh
e
0.4
e2
1.8
e1
1.8
L
0.1
0.0
L1
0.3
0.2
LC
v
0.1
w
0.05
y
0.05
y1
0.1
- - -
- - -
SOT905-1
C
y
C
y1
X
terminal 1
index area
B
A
D
E
detail X
A
A1
c
e2
e
b
e1
e
A
C
B
v M
C
w M
terminal 1
index area
b1
b1
LC
LC
L
Eh
Dh
L1
6
5
1
13
17
7
11
12
24
23
19
18
Figure 12. Package outline SOT905-1 (HVQFN24)
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
76 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com