Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 23Page - NXP Semiconductors PCA9420 Datasheet HTML 24Page - NXP Semiconductors PCA9420 Datasheet HTML 25Page - NXP Semiconductors PCA9420 Datasheet HTML 26Page - NXP Semiconductors PCA9420 Datasheet HTML 27Page - NXP Semiconductors PCA9420 Datasheet HTML 28Page - NXP Semiconductors PCA9420 Datasheet HTML 29Page - NXP Semiconductors PCA9420 Datasheet HTML 30Page - NXP Semiconductors PCA9420 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Address (Hex) Register Name
Description
Type
Reset Value
(Binary)
71
Reset monitor
Reset reason monitor
R RO R/W
1000 0000
Table 8. Register map...continued
9.5 Register description
9.5.1 Device information (DEV_INFO, address 00h)
The device identification code stores a unique identifier for each version and/or revision
of device, so that the connected MCU recognizes it automatically.
This is a READ ONLY register.
Bit
Symbol
Default value Type
Function
7
DEV_ID [4]
0
R
6
DEV_ID [3]
0
R
5
DEV_ID [2]
0
R
4
DEV_ID [1]
0
R
3
DEV_ID [0]
0
R
Device ID
2
DEV_REV [2]
0
R
1
DEV_REV [1]
0
R
0
DEV_REV [0]
1
R
Device revision
Table 9. DEV_INFO register bit description
9.5.2 Top level interrupt status (TOP_INT, address 01h)
The top-level interrupt register contains flags indicating various top level interrupt events
as indicated below. An event will be latched and only its first occurrence triggers the
interrupt signal INTB (if it is not being masked). Reoccurring events will not change the
flag's status or trigger an additional interrupt. If multiple interrupt events happen, its
corresponding interrupt bits in the related registers will be “triggered”, however, the INTB
signal will be only triggered upon the first interrupt event.
The interrupt event reporting on the device is structured in a two-layer configuration. The
interrupt events are grouped as (1) system level; (2) charger block; (3) buck regulator
block; (4) LDO block. When any interrupt event is triggered, based on which mode it
falls into, the related bit for that mode in TOP_INT flags “1”. Any of the related bits in
TOP_INT will only change back to 0 when all the interrupt events in its affiliated mode
have been cleared.
This is READ Only register.
Bit
Symbol
Default value
Type
Function
7
RSVD
0
R
Reserved bit
6
RSVD
0
R
Reserved bit
5
RSVD
0
R
Reserved bit
Table 10. TOP_INT register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
27 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com