Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 15Page - NXP Semiconductors PCA9420 Datasheet HTML 16Page - NXP Semiconductors PCA9420 Datasheet HTML 17Page - NXP Semiconductors PCA9420 Datasheet HTML 18Page - NXP Semiconductors PCA9420 Datasheet HTML 19Page - NXP Semiconductors PCA9420 Datasheet HTML 20Page - NXP Semiconductors PCA9420 Datasheet HTML 21Page - NXP Semiconductors PCA9420 Datasheet HTML 22Page - NXP Semiconductors PCA9420 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
8.12.1 Battery charging management
Battery charging management supports typical constant current/constant voltage
charging profile for single cell Li-Ion battery, as well as pre-qualification (dead battery, low
battery), top-off mode, etc.; JEITA and thermal regulation compliant.
In PCA9420, there is an initial stage in the charger operation which sources ICHG_DEAD
current into VBAT and compares the voltage to 1.9 V level.
• If the voltage is higher than this threshold, the charger immediately proceeds to the
next state (pre-charge/ICHG_LOW current).
• Otherwise, there is a timer running for 5...40s (I2C programmable) called
ICHG_DEAD_TIMER, bits [7:6] in register 0x14 chg_ctl4. If the timer expires, the
battery doesn’t accept charge and is detected as a short.
ICHG_DEAD_CURRENT is sourced by the charger and is I2C programmable.
The dead charge fault timer can assert an interrupt (bit [6]
(ICHG_DEAD_TIMER_INT_MASK) from Sub_INT1_Mask register 05h), and the
software can make the final decision. If left masked, the charger always proceeds to the
next stage. This is the default PCA9420 operation. If the interrupt was enabled and has
triggered, the charger is disabled.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
19 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com