Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 41Page - NXP Semiconductors PCA9420 Datasheet HTML 42Page - NXP Semiconductors PCA9420 Datasheet HTML 43Page - NXP Semiconductors PCA9420 Datasheet HTML 44Page - NXP Semiconductors PCA9420 Datasheet HTML 45Page - NXP Semiconductors PCA9420 Datasheet HTML 46Page - NXP Semiconductors PCA9420 Datasheet HTML 47Page - NXP Semiconductors PCA9420 Datasheet HTML 48Page - NXP Semiconductors PCA9420 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
2
1
0
BAT_CHG_
STATUS
[2:0]
000
R
Charge conditions in details:
000: Charger in Idle State
001: Charger in Dead-Battery State
010: Charger in Low-Battery State
011-100: Charger in Fast Charging state in either CC or CV
101: Charger in Top-off State
110: Charger in Done State
111: Reserved
Table 40. CHG_STATUS_2 register bit description...continued
9.5.25 Battery charger status_3 (CHG_STATUS_3, address 1Bh)
This register stores the present status of the linear battery charger, part 3. This is a
READ ONLY register. The status of this register is only valid when VIN_ILIM condition is
not reached.
Bit
Symbol
Default value Type
Function
7
TS_STATUS
0
R
0: TS_DETAIL_STATUS [2:0] = 000. Battery temp is normal, no impact
on normal charging.
1: TS_DETAIL_STATUS [2:0] ≠ 000.
6
5
4
TS_DETAIL_
STATUS
[2:0]
000
R
000: Battery Temperature Nominal, T2 ≤ T ≤ T3
001: Battery Temperature is Cold, T < T1
010: Battery Temperature is Cool, T1 ≤ T < T2
011: Battery Temperature is Warm, T3 < T ≤ T4
100: Battery Temperature is Hot, T > T4
3
RSVD
0
R
Reserved bit
2
CHIP_TEMP_
STATUS
0
R
Chip Temp Status:
0: Thermal regulation not activated
1: Thermal regulation activated
1
0
SFTY_TIMER_S
TATUS
[1:0]
00
R
00: Safety Timers having No Effect on Battery Charging
01: Pre-qual Timer expires, battery charging suspended
10: Fast Timer expires, battery Charging suspended
11: Battery short test fails, battery charging suspended
Table 41. CHG_STATUS_3 register bit description
1Ch to 1Fh registers: Reserved
9.5.26 Regulator status (REG_STATUS, address 20h)
This register stores the present status of the SW1, SW2, LDO1, LDO2. This is a READ
ONLY register.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
45 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com