Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 47 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 43Page - NXP Semiconductors PCA9420 Datasheet HTML 44Page - NXP Semiconductors PCA9420 Datasheet HTML 45Page - NXP Semiconductors PCA9420 Datasheet HTML 46Page - NXP Semiconductors PCA9420 Datasheet HTML 47Page - NXP Semiconductors PCA9420 Datasheet HTML 48Page - NXP Semiconductors PCA9420 Datasheet HTML 49Page - NXP Semiconductors PCA9420 Datasheet HTML 50Page - NXP Semiconductors PCA9420 Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type Function
1
nEN_LDO1_
BLEED
0
R/W LDO1 Output Active Discharge Turn-on Control in the regulator
disabled
0: Enable output discharge bleeding resistor
1: Disable Output discharge bleeding resistor
0
nEN_LDO2_
BLEED
0
R/W LDO2 Output Active Discharge Turn-on Control in the regulator
disabled
0: Enable output discharge bleeding resistor
1: Disable Output discharge bleeding resistor
Table 43. ACT_DISCHARGE_CNTL register bit description...continued
9.5.28 Mode configuration mode setting 0_0 (MODECFG_0_0, address 22h)
This register contains mode setting 0, part 0 configuration register. This is a READ AND
WRITE register.
Bit
Symbol
Default value Type
Function
7
SHIP_EN_0
0
R/W
Ship mode enable/disable in mode setting 0
0: Device is NOT set in ship mode
1: Device is set in ship mode
6
EN_MODE_
SEL_BY_PIN_0
0
R/W
MODESEL0/MODESEL1 Control Selection in mode setting 0:
0: mode control by internal I2C register bits, MODE0_I2C and/or
MODE1_I2C only; signal applied on external MODESEL0/MODESEL1
pins is ignored.
1: mode control by signal applied on external MODESEL0 and/or
MODESEL1 pins only, not by internal I2C register bits, MODE0_I2C
and MODE1_I2C
[1-bit MTP to set default value]
5
4
3
2
1
0
SW1_OUT_0
[5:0]
010100
R/W
SW1 output voltage for mode setting 0 (see below).
[Note: The default value for SW1 _OUT_0[5:0] is set at 1.00 V, but
it should be MTP programmable.]
Table 44. MODECFG_0_0 register bit description
000000=0.500 V
001110=0.850 V
011100=1.200 V
000001=0.525 V
001111=0.875 V
011101=1.225 V
000010=0.550 V
010000=0.900 V
011110=1.250 V
000011=0.575 V
010001=0.925 V
011111=1.275 V
000100=0.600 V
010010=0.950 V
100000=1.300 V
000101=0.625 V
010011=0.975 V
100001=1.325 V
000110=0.650 V
010100=1.000 V
(default)
100010=1.350 V
Table 45. SW1 output voltage for Mode Setting 0
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
47 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com