Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 6Page - NXP Semiconductors PCA9420 Datasheet HTML 7Page - NXP Semiconductors PCA9420 Datasheet HTML 8Page - NXP Semiconductors PCA9420 Datasheet HTML 9Page - NXP Semiconductors PCA9420 Datasheet HTML 10Page - NXP Semiconductors PCA9420 Datasheet HTML 11Page - NXP Semiconductors PCA9420 Datasheet HTML 12Page - NXP Semiconductors PCA9420 Datasheet HTML 13Page - NXP Semiconductors PCA9420 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
8.2 ASYS
The ASYS pin serves as the input power pin for PSYS1, PSYS2 and LDO2. Internally by
default it’s powered by either VIN or VBAT, whichever is greater. The internal ASYS input
selection circuit ensures a seamless transition when its input source changes from VIN to
VBAT, or vice versa.
Through I2C register setting selection (ASYS_INPUT_SEL [1:0]), the user also has the
option to choose the ASYS input source. However, upon power cycling and/or chip reset,
the ASYS input source goes back to the default setting (option 1 below).
SYS_INPUT_SEL [1:0]
1. 2b’00: From either VBAT or VIN, whichever is greater (default setting);
2. 2b’01: From VBAT only;
3. 2b’10: From VIN only;
4. 2b’11: Disconnect from VBAT or VIN (not a normal operation condition, for
INTERNAL test purposes only).
An I2C programmable pre-warning ASYS voltage threshold (ASYS_PRE_WARNING
[1:0]) can also be used to indicate when ASYS voltage drops below the ASYS pre-
warning threshold voltage, which triggers an interrupt event.
If any peripheral regulators are connected to ASYS node, the ASYS node follows a VIN
voltage up to a programmed OVP threshold (either 5.5 V or 6 V) with a various voltage
difference depending on a load current.
8.3 VBAT_BKUP (back-up battery input)
Internally, the input power source for LDO1 is provided by either VBAT_BKUP or ASYS,
whichever is greater. When a coin cell battery (or similar battery) is used in the system
as a backup battery, it can be connected to VBAT_BKUP; thus the LDO1 is powered
by either ASYS or the backup battery. When no such backup battery is used, the
VBAT_BKUP pin should always be connected to VBAT.
8.4 ON
The ON pin has the following functions implemented:
1. ON pin has internal 1 MΩ pull-up resistor to either 2.5 V or VBAT depending on VBAT
voltage. If VBAT is less than 3 V, ON is pulled up to 2.5 V and if VBAT is greater than
3 V, it is pulled to VBAT.
Falling edge (filtered after deglitching time, 200 µs typ), active-LOW signal enables
the chip and starts the power-up sequence from STANDBY state. If the chip stays in
ship mode before applying ON falling edge, upon the filtered falling edge of the ON
pin, the chip exits ship mode to start up into Mode Setting 0.
If the device is already in the middle of power-up or power-down sequence, the falling
edge applied on the ON pin is ignored by the chip.
1. Long press (duration time, 4 s, 8 s, 12 s or 16 s, is programmable via I2C,
ON_GLT_LONG [1:0]). If the logic low signal is applied continuously over a
programmed duration, the chip gets reset and recycles all power rails to their default
values
2. Also, in mode setting 0, 1, 2, or 3, an I2C bit “ON_CFG_x“ (x=0, 1, 2, or 3) is
reserved; by setting its value to either 0 or 1, the user can configure whether a mode
setting switches back to Mode Setting 0 or not, upon a valid falling edge detected
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
10 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com