Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 8Page - NXP Semiconductors PCA9420 Datasheet HTML 9Page - NXP Semiconductors PCA9420 Datasheet HTML 10Page - NXP Semiconductors PCA9420 Datasheet HTML 11Page - NXP Semiconductors PCA9420 Datasheet HTML 12Page - NXP Semiconductors PCA9420 Datasheet HTML 13Page - NXP Semiconductors PCA9420 Datasheet HTML 14Page - NXP Semiconductors PCA9420 Datasheet HTML 15Page - NXP Semiconductors PCA9420 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
EN_MODE_SEL_BY_PIN_x = 0: under current mode setting, mode setting switch is
controlled by internal I2C register bits MODE0_I2C and/or MODE1_I2C only; signal
applied on external MODESEL0/MODESEL1 pins is ignored.
EN_MODE_SEL_BY_PIN_x = 1: under current mode setting, mode setting switch is
controlled by signal applied on external MODESEL0 and/or MODESEL1 pins only, not by
internal I2C register bits MODE0_I2C and MODE1_I2C.
1. Mode setting switches back to Mode Setting A triggered by ON pin falling edge. Refer
to register description for “ON_CFG_x” bit for more details.
In the event of switching from one mode setting (initial mode setting) to another mode
setting (target mode setting):
1. If one output rail remains enabled in both initial mode setting and target mode setting
but with different output voltage in each setting, such voltage transition should
happen when the mode setting switch command (from either internal I2C setting or
external signal) is received;
2. If there are output rails which may be enabled or disabled from initial mode setting to
target mode setting, then always make sure these rails which change from disabled
to enabled take higher priority over rails which change from enabled to disabled, i.e.,
make sure all the rails change from disabled status to enabled status (reaches 90 %
of its target value) first, and then start to disable these rails, changing from enable
status to disable status.
8.7 Mode selection by external pins (MODESEL0, MODESEL1)
Up on initial power-up, PCA9420 enters its default setting (Mode Setting
0). While operating under Mode Setting 0, by default the I2C register bit,
EN_MODE_SEL_BY_PIN_0, is set to “0”, and the external signal applied on
the MODESEL0 and MODESEL1 pins are ignored. Only when the user sets
EN_MODE_SEL_BY_PIN_0 to “1”, can the mode control on the chip be programmed via
MODESEL0 and MODESEL1 pin signal settings. The MODESEL0 and MODESEL1 pins
are not allowed to change while a mode change is in progress.
When EN_MODE_SEL_BY_PIN_x (x=0, 1, 2, or 3) bits are set to "1", MCU should satisfy
the following MODESEL signal conditions:
• No less than 5 µs pulse on each MODESEL signal.
• No more than 0.5 µs delay between MODESEL pins when transit from different modes.
In order to avoid impacting mode transition when there is disturbance in MODESELS
pins (EN_MODE_SEL_BY_PIN_x =1), it is proposed to implement one of the following
designs:
• Hardware: Adding 10 nF capacitors to remove noise injection on MODESEL pins.
• Software: Send software reset command after wake up from ship mode to reset
MODESEL pins. (There is a register 0x71, accessible by I2C; SHIP_EXIT_DONE status
indicates device wake up from ship mode, refer to Table 76.)
MODESEL1 pin voltage level
MODESEL0 pin voltage level
All Settings from
LOW (0)
LOW (0)
Mode Setting 0
LOW (0)
HIGH (1)
Mode Setting 1
HIGH (1)
LOW (0)
Mode Setting 2
Table 4. Mode selection by external pins (MODESEL0, MODESEL1)
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
12 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com