Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 67Page - NXP Semiconductors PCA9420 Datasheet HTML 68Page - NXP Semiconductors PCA9420 Datasheet HTML 69Page - NXP Semiconductors PCA9420 Datasheet HTML 70Page - NXP Semiconductors PCA9420 Datasheet HTML 71Page - NXP Semiconductors PCA9420 Datasheet HTML 72Page - NXP Semiconductors PCA9420 Datasheet HTML 73Page - NXP Semiconductors PCA9420 Datasheet HTML 74Page - NXP Semiconductors PCA9420 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
13.4 BUCK2 (SW2)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN(SW2)
Input voltage
range for SW2
Input is VPSYS2
2.5
5.5
V
IOUT(SW2)MAX
Maximum Output
Current
Over VPSYS2
500
mA
1.5
2.1
VSW2_RANGE
Output range for
SW2
I2C programmable, 25 mV/step
2.7
3.3
V
Over full VPSYS2, IOUT(SW2),
Tamb=room temp
-2
2
%
VSW2_Accuracy
SW2 DC Output
Accuracy
Over full VPSYS2, IOUT(SW2),
temperature range
-3
3
%
ΔVSW2 / Δ VPSYS2
DC Line
regulation
VSW2OUT(NOM)+0.5 V < VPSYS2 <
5.5 V, IOUT(SW1) = 500 mA
0.15
%/V
ΔVSW2 / ΔIOUT(SW2) DC Load
regulation
0 mA < IOUT(SW1) < 500 mA
0.008
%/mA
TON (SW2)
250
360
490
ns
IIN(SW2)[1]
Quiescent current SW2 enabled, IOUT(SW2) = 0, no
switching
700
nA
Inductor value
L
2.2
µH
High Side P-FET
RDSON
VPSYS2 = 5 V
250
450
RDSON(SW2)[1]
Low Side N-FET
RDSON
VPSYS2 = 5 V
125
250
mΩ
RSTDN(SW2)
SW2 Output
Active Discharge
Resistance
50
Ω
ILIM(SW2)
Peak Current
Limit
Cycle by cycle peak current limit
900
1300
1800
mA
tONMIN(SW2)
Min. On Time
50
ns
tOFFMIN(SW2)
Max On Time
10
ns
tSSTART(SW2)
Softstart time
VSW2OUT=1.8 V
1.8
ms
@IOUT=10 µA
> 78
@IOUT=100 µA
> 87
@IOUT=125 mA
> 88
@IOUT=250 mA
> 88
Efficiency[1]
VPSYS25 V
VSW2OUT = 1.8 V
@IOUT=500 mA
> 86
%
Table 83. EC table for BUCK2 (SW2) 
[1]
Guaranteed by design and characterization; not tested in production.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
71 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com