Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 36Page - NXP Semiconductors PCA9420 Datasheet HTML 37Page - NXP Semiconductors PCA9420 Datasheet HTML 38Page - NXP Semiconductors PCA9420 Datasheet HTML 39Page - NXP Semiconductors PCA9420 Datasheet HTML 40Page - NXP Semiconductors PCA9420 Datasheet HTML 41Page - NXP Semiconductors PCA9420 Datasheet HTML 42Page - NXP Semiconductors PCA9420 Datasheet HTML 43Page - NXP Semiconductors PCA9420 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default value Type
Function
5
4
3
2
1
0
ICHG_DEAD
[5:0]
000100
R/W
Program a Dead battery charge current
Note: Current value set in ICHG_DEAD [5:0] should
NOT be greater
than the value set in ICHG_LOW [5:0].
Note: The current default value for ICHG_DEAD [5:0] is set
at 4 mA, ICHG_DEAD [2] and ICHG_DEAD [4] should be MTP
programmable.
Table 29. CHG_CNTL4 register bit description...continued
Bit7
Bit6
Timer
0
0
5 sec
0
1
10 sec
1
0
20 sec
1
1
40 sec
Table 30. Dead charge timer setting
00h: 0 mA
10h: 16 mA
20h: 32 mA
30h: 48 mA
01h: 1 mA
11h: 17 mA
21h: 33 mA
31h: 49 mA
02h: 2 mA
12h: 18 mA
22h: 34 mA
32h: 50 mA
03h: 3 mA
13h: 19 mA
23h: 35 mA
33h: 51 mA
04h: 4 mA
(default)
14h: 20 mA
24h: 36 mA
34h: 52 mA
05h: 5 mA
15h: 21 mA
25h: 37 mA
35h: 53 mA
06h: 6 mA
16h: 22 mA
26h: 38 mA
36h: 54 mA
07h: 7 mA
17h: 23 mA
27h: 39 mA
37h: 55 mA
08h: 8 mA
18h: 24 mA
28h: 40 mA
38h: 56 mA
09h: 9 mA
19h: 25 mA
29h: 41 mA
39h: 57 mA
0Ah: 10 mA
1Ah: 26 mA
2Ah: 42 mA
3Ah: 58 mA
0Bh: 11 mA
1Bh: 27 mA
2Bh: 43 mA
3Bh: 59 mA
0Ch: 12 mA
1Ch: 28 mA
2Ch: 44 mA
3Ch: 60 mA
0Dh: 13 mA
1Dh: 29 mA
2Dh: 45 mA
3Dh: 61 mA
0Eh: 14 mA
1Eh: 30 mA
2Eh: 46 mA
3Eh: 62 mA
0Fh: 15 mA
1Fh: 31 mA
2Fh: 47 mA
3Fh: 63 mA
Table 31. Dead battery charge current setting
9.5.19 Battery charger control_5 (CHG_CTL5, address 15h)
This register stores the present status of chip, part 5, linear battery charger related
status. This is a READ AND WRITE register,
and this register is locked by
CHG_LOCK.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
40 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com