Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 9Page - NXP Semiconductors PCA9420 Datasheet HTML 10Page - NXP Semiconductors PCA9420 Datasheet HTML 11Page - NXP Semiconductors PCA9420 Datasheet HTML 12Page - NXP Semiconductors PCA9420 Datasheet HTML 13Page - NXP Semiconductors PCA9420 Datasheet HTML 14Page - NXP Semiconductors PCA9420 Datasheet HTML 15Page - NXP Semiconductors PCA9420 Datasheet HTML 16Page - NXP Semiconductors PCA9420 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
MODESEL1 pin voltage level
MODESEL0 pin voltage level
All Settings from
HIGH (1)
HIGH (1)
Mode Setting 3
Table 4. Mode selection by external pins (MODESEL0, MODESEL1)...continued
8.8 SYSRSTn
The SYSRSTn is implemented as an open-drain output signal. It is used as an output of
“power-good” indication as well as to reset the microcontroller system.
The SYSRSTn signal is held from high to low under one of following conditions:
1. When any of the enabled voltage rail output voltage drops below 90 % (typ) of its
target value.
2. When any of the enabled voltage rail output voltage goes above 110 % (typ) of its
target value
If any of the voltage rail is disabled by the user (by setting the corresponding enable
bit in I2C register in each mode setting, i.e., LDO1_EN_x, LDO2_EN_x, SW1_EN_x,
SW2_EN_x), the SYSRSTn signal should NOT assert (stays high) under such scenario.
This also applies during the power-up/power-down sequence events, i.e., during power-
up or power-down event, the SYSRSTn signal should assert when any of the enabled rail
has not reaches the 90 % to 110 % of its target value. In other words, the SYSRSTn = 0
(low) needs to remain at such state until all enabled rails reach 90 % of the target values.
Once the condition that caused the SYSRSTn signal to go low is removed, then the
SYSRSTn should refresh accordingly.
Meanwhile, during the voltage change on-the-fly, this could be caused by:
1. Mode setting remains the same, but the user chooses to change one or some of the
enabled output rail voltage by programming its output voltage I2C register setting
2. Mode setting changes by setting different values on MODESEL0/MODESEL1 pins or
MODE0_I2C/MODE1_I2C bits, and it causes one or some of the output rail voltage
change
In such case, the SYSRSTn signal does NOT assert when any of the enabled voltage
rail output voltage is in the middle of the transition from initial output voltage level to
target level.
8.9 SHIP mode
PCA9420 features a “SHIP mode”, in which the chip provides the lowest quiescent
consumption.
To enter the SHIP mode, set the bit of SHIP_EN_x (x can be 0, 1, 2 or 3) in each Mode
register to 1. Once the bit is set to 1, the ship mode immediately takes place regardless
of any operation under any mode setting. It means that the SHIP mode has a higher
priority over any conditions and operations.
Upon request to enter the ship mode while the device is running in active mode, a power-
down sequence should take place first and then enter the ship mode.
Once the device
enters ship mode, all the I2C register values are reset to their default setting.
To exit ship mode, one of the following conditions must be satisfied:
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
13 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com