Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 30Page - NXP Semiconductors PCA9420 Datasheet HTML 31Page - NXP Semiconductors PCA9420 Datasheet HTML 32Page - NXP Semiconductors PCA9420 Datasheet HTML 33Page - NXP Semiconductors PCA9420 Datasheet HTML 34Page - NXP Semiconductors PCA9420 Datasheet HTML 35Page - NXP Semiconductors PCA9420 Datasheet HTML 36Page - NXP Semiconductors PCA9420 Datasheet HTML 37Page - NXP Semiconductors PCA9420 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Bit
Symbol
Default
value
Type
Function
7
6
ASYS_PREWARNING
[1:0]
10
R/W
ASYS Program a pre-warning voltage threshold on ASYS
00: 3.3 V
01: 3.4 V
10: 3.5 V
11: 3.6 V
5
4
ASYS_INPUT_SEL
[1:0]
00
R/W
ASYS input source selection
00: ASYS is powered by either VBAT or VIN (VIN has higher
priority over VBAT if both are presented but only when
VIN>VBAT)
01: ASYS is powered by VBAT only
10: ASYS is powered by VIN only
11: ASYS is disconnected to either VBAT or VIN (for internal
testing purpose only)
3
RSVD
1
R/W
Reserved bit
2
VIN_OVP_SEL
0
R/W
VIN over-voltage protection threshold (rising) selection
0: 5.50 V
1: 6.0 V
Note: The current default value for VIN_OVP_SEL is set
at 5.5 V, but it should be MTP programmable
1
0
VIN_UVLO_SEL
[1:0]
01
R/W
Program an under-voltage lockout threshold (falling) on VIN
00: 2.9 V
01: 3.1 V
10: 3.3 V
11: 3.5 V
Table 18. TOP_CNTL1 register bit description
9.5.11 Top level control_2 (TOP_CTL2, address 0Bh)
This register contains various configuration bits for top level related functions, part 2. This
is a READ AND WRITE register.
Bit
Symbol
Default value
Type
Function
7
6
ASYS_UVLO_SEL
[1:0]
11
R/W
Program a UVLO threshold on ASYS
00: 2.4 V
01: 2.5 V
10: 2.6 V
11: 2.7 V
5
RSVD
0
R/W
Reserved bit
Table 19. TOP_CNTL2 register bit description
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
34 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com