Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 63Page - NXP Semiconductors PCA9420 Datasheet HTML 64Page - NXP Semiconductors PCA9420 Datasheet HTML 65Page - NXP Semiconductors PCA9420 Datasheet HTML 66Page - NXP Semiconductors PCA9420 Datasheet HTML 67Page - NXP Semiconductors PCA9420 Datasheet HTML 68Page - NXP Semiconductors PCA9420 Datasheet HTML 69Page - NXP Semiconductors PCA9420 Datasheet HTML 70Page - NXP Semiconductors PCA9420 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICHG_TOPOFF
ICHG_TOPOFF
programmed value
I2C programmable,1 mA/
step
1
63
mA
ICHG_TOPOFF ≥ 8 mA
-15
+15
%
ICHG_TOPOFF Accuracy
ICHG_TOPOFF < 8 mA; test
4 mA only in production
-20
+20
%
tDGL_BAT_CC2TOPOFF
ICHG_TOPOFF detection
deglitch time on fast charging
to top-off charging transition
20
ms
RECHARGE MODE
95
140
165
VBAT_RESTART
Charging restart threshold
voltage
When below VBAT_ REG
[Note: reserve 1-bit MTP
bit to set the typical value,
140 mV or 240 mV]
185
240
270
mV
tDGL_BAT_RESTART
Deglitch time, recharge
threshold detected
50
ms
BATTERY PRESENCE DETECTION
IBAT_DET_SINK
Sink current during battery
detection
VIN = 5 V; Battery absent
5
mA
tDGL(BAT_DET_SINK)
Deglitch time, for sinking
current
VIN = 5 V; Battery absent
300
ms
IBAT_DET_SOURCE
Source current during battery
detection
VIN = 5 V; Battery absent
5
mA
tDGL(BAT_DET_SOURCE)
Deglitch time, for sourcing
current
VIN = 5 V; Battery absent
300
ms
VBAT_DET_LOW
Battery detection lower
threshold
VIN = 5 V; Battery absent
[Note: reserve 2-bit MTP
for programmability, 1.
7 V/1.8 V/1.9 V/2.0 V]
1.9
V
VBAT_DET_UP
Battery detection upper
threshold
VIN = 5 V; Battery absent
[Note: reserve 2-bit MTP
for programmability, 3.
2 V/3.3 V/3.4 V/3.5 V]
3.4
V
BATTERY-PACK NTC MONITOR (TS)
INTC-10 k
NTC thermistor bias current
VTS < ASYS-200 mV
44
(-12 %)
50
56
(+12 %)
µA
INTC-DIS-10 k
10 k NTC bias current when
charging is disabled
VTS < ASYS-200 mV
4.4
(-12 %)
5
5.6
(+12 %)
µA
VTS(0 °C)
TS threshold voltage at 0 °C NTC_BETA_SEL [2:0] =
000
1.171
1.372
1.45
V
VTS(0 °C)_HYS
VTS(0 °C)
Hysteresis Threshold
110
mV
VTS(10 °C)
TS threshold voltage at 10 °C NTC_BETA_SEL [2:0] =
000
0.813
0.900
0.999
V
VTS(10 °C)_HYS
VTS(10 °C)
Hysteresis Threshold
70
mV
VTS(45 °C)
TS threshold voltage at 45 °C NTC_BETA_SEL [2:0] =
000
0.205
0.246
0.303
V
VTS(45 °C)_HYS
VTS(45 °C)
Hysteresis Threshold
24
mV
Table 81. EC table for Linear Charger...continued
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
67 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com