Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 7Page - NXP Semiconductors PCA9420 Datasheet HTML 8Page - NXP Semiconductors PCA9420 Datasheet HTML 9Page - NXP Semiconductors PCA9420 Datasheet HTML 10Page - NXP Semiconductors PCA9420 Datasheet HTML 11Page - NXP Semiconductors PCA9420 Datasheet HTML 12Page - NXP Semiconductors PCA9420 Datasheet HTML 13Page - NXP Semiconductors PCA9420 Datasheet HTML 14Page - NXP Semiconductors PCA9420 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
from “ON” pin. Refer to ON_CFG_x bit description in the relation registers for more
details.
3. The filtered falling edge on the ON pin resets the bit of EN_MODE_SEL_BY_PIN_X
to the default value, 0, at 22h register. The status of the ON pin is available in reset
monitor register (address 0x71, bit [7]).
8.5 TS
With the temperature sensing pin, the external thermistor (NTC) is connected between
the TS pin and ground. The thermistor may be included in the battery pack to monitor the
battery pack temperature, or it may be an additional component user chooses to have on
the board level to monitor the temperature at a chosen area.
The voltage at TS pin is monitored, and the user can enable the feature through I2C-bus
interface (NTC_EN) to implement JEITA compliant charging at a safe temperature. Per
JEITA standard, there are four temperature threshold settings:
1. Cold threshold (T1, 0 °C)
2. Cool threshold (T2, 10 °C)
3. Warm threshold (T3, 45 °C)
4. Hot threshold (T4, 60 °C)
Each of the above temperature thresholds represents a voltage threshold. When the
monitored temperature, T, falls into a different temperature zone, the charger should
adjust the charging method accordingly:
1. T > T4 or T < T1, i.e., when the temperature is in a “cold” or “hot” zone, charging is
suspended, as well as the safety timer;
2. T1 < T < T2, charging current is reduced by 50 % of the programmed current level;
3. T2 < T < T3, normal charging;
4. T3 < T < T4, the CV mode regulating voltage should be set as VBAT_REG [5:0] –
ΔVBAT_REG(HOT), 140 mV typical
To disable this function, set NTC_EN to “0”.
8.6 Mode setting
When the MCU operates in different modes such as overdrive run mode or low power
mode, it may require the power supply to operate in different settings accordingly (for
example, enable/disable of each rail, output voltage of each rail, etc.) to achieve a better
performance and efficiency.
On the PCA9420, there are four modes of registers representing Mode Setting 0/1/2/3
to accommodate such requirements from MCU, where Mode Setting A is the default
mode setting (i.e., the initial mode setting upon initial power up). Depending on the user’s
preference, switching among different mode settings can be controlled by either the
external signal (ON pin), external pins (MODESEL0/1) or I2C.
Within each mode setting, the user can program the follow parameters providing great
flexibility to accommodate different MCU operation modes:
1. Enable/disable of the four output voltage rails
2. Voltage setting of the four output voltage rails
3. Ship mode enable/disable
4. Watchdog timer setting
5. Mode control selection (EN_MODE_SEL_BY_PIN_x, x=0, 1, 2, or 3)
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
11 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com