Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 10Page - NXP Semiconductors PCA9420 Datasheet HTML 11Page - NXP Semiconductors PCA9420 Datasheet HTML 12Page - NXP Semiconductors PCA9420 Datasheet HTML 13Page - NXP Semiconductors PCA9420 Datasheet HTML 14Page - NXP Semiconductors PCA9420 Datasheet HTML 15Page - NXP Semiconductors PCA9420 Datasheet HTML 16Page - NXP Semiconductors PCA9420 Datasheet HTML 17Page - NXP Semiconductors PCA9420 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
1. ON pin falling edge (filtered) applied, less than the long-press duration of time
2. A valid VIN attached. For the VIN attached plugin event, depending on
OPERATION_SEL_FROM_SHIPMODE bit setting, there are two possible operations
as described below:
a. OPERATION_SEL_FROM_SHIPMODE=0, upon VIN attached, the chip enables
the charging process, as well as start the power-up sequence for LDO1/LDO2/
SW1/SW2 per the setting
b. OPERATION_SEL_FROM_SHIPMODE=1, upon VIN attached, the chip enables
the charging process, LDO1/LDO2/SW1/SW2 remains in shutdown mode and the
chip will only enable the power-up sequence upon ON pin falling edge signal.
8.10 Watchdog timer
PCA9420 provides an on-chip watchdog timer, the duration of this watchdog can be
programmed via I2C register setting (WD_TIMER_x [1:0] in each mode configuration
registers), or disabled if needed in each mode setting.
Upon initial enable, the watchdog timer starts counting. If the watchdog timer expires
before reset, an interrupt signal is issued (WD_TIMER). Depending on the I2C register
setting (nEN_CHG_IN_WATCHDOG), the following action is also taken:
1. nEN_CHG_IN_WATCHDOG = 0: when the watchdog timer expires, the following
operations are expected.
• The SYSRSTn signal asserted (high to low)
• Charging is continued based on battery condition
• All settings for LDO1/LDO2/SW1/SW2 set to Mode 0 settings
2. nEN_CHG_IN_WATCHDOG=1: when the watchdog timer expires, the following
operations are expected.
• The SYSRSTn signal asserted (high to low)
• Charging is suspended
• All settings for LDO1/LDO2/SW1/SW2 set to Mode 0 settings
The following events reset the watchdog timer:
1. When WD_TIMER_CLR bit is set to 3b’001 at 0Dh register
2. When the device changes the mode settings
8.11 Regulators
There are four regulators on PCA9420, which include two buck regulators and two LDOs.
Table 5 shows the outline for each regulator:
Regulator name
Output regulation voltage range
Adjustable resolution
Max output current
SW1 (Core Buck)
0.5 V to 1.5 V and a fixed 1.8 V
25 mV/step
Up to 250 mA
SW2 (System Buck)
1.5 V to 2.1 V or 2.7 V to 3.3 V
25 mV/step
Up to 500 mA
LDO1 (Always-on LDO) 1.7 V to 1.9 V
25 mV/step
Up to 1 mA
LDO2 (System LDO)
1.5 V to 2.1 V or 2.7 V to 3.3 V
25 mV/step
Up to 250 mA
Table 5.  Regulator summary
For each rail, its output target voltage can be set independently in mode setting 0, 1, 2 or
3. User can also choose to switch among any of the mode settings.
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
14 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com