Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9420 Datasheet HTML 1Page - NXP Semiconductors PCA9420 Datasheet HTML 2Page - NXP Semiconductors PCA9420 Datasheet HTML 3Page - NXP Semiconductors PCA9420 Datasheet HTML 4Page - NXP Semiconductors PCA9420 Datasheet HTML 5Page - NXP Semiconductors PCA9420 Datasheet HTML 6Page - NXP Semiconductors PCA9420 Datasheet HTML 7Page - NXP Semiconductors PCA9420 Datasheet HTML 8Page - NXP Semiconductors PCA9420 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
5 Simplified block diagram
aaa-033067
Max 315mA
Linear Charger
OVP
Detection
(5.5V default or
6V over I2C)
PCA9420
Main
Control
Blocks
VIN
ASYS
VBAT
1-Cell
Li-Ion
Battery
+ (VBAT)
- (GND)
STEP-DOWN
CONVERTER 1
250mA
(0.5V-1.5V
in 25mV steps
& fixed 1.8V)
STEP-DOWN
CONVERTER 2
500mA
(1.5V-2.1V in
25mV steps)
(or 2.7V-3.3V
in 25mV steps)
PSYS1
EN
4.7µF/
10V
PGND1
LX1
ASYS
2.2µH
SW1_OUT
50Ω
PSYS2
PGND2
LX2
2.2µH
SW2_OUT
EN
I2C
I2C
1µF/
10V
50Ω
VDDCORE
RT600
LDO1
1mA
(1.7V-1.9V
in 25mV steps)
LDO2
250mA
(1.5V-2.1V in
25mV steps)
(or 2.7V-3.3V
in 25mV steps)
LDO1_OUT
50Ω
LDO2_OUT
50Ω
IN
ASYS
VBAT_BKUP
IN
ASYS
VIN_
UVLO
Thermal
shutdown
OFF
ON
Debounce
Filter
(200µs)
On-Key
1MΩ
+
-
2.5V
or VBAT
Long-Key
Debounce
Filter
(4s, 8s(default)
,12s,16s)
2.2µF/
10V
2.9V,3.1V(default),
3.3V,3.5V
200mV
ASYS_
Pre-
warning
+
-
3.3V,3.4V,
3.5V (default),3.6V
100mV
ASYS_
UVLO
+
-
100mV
AGND1 AGND2
1µF/
10V
10µF/
6.3V
2.2µF/
10V
10µF/
6.3V
VBAT
0.47µF/
6.3V
Coin
battery
ON
Power-on
from off or
ship-mode
2.4V,2.5V, 2.6V,
2.7V (default)
Recycle
Power rails
VBAT_
BKUP_
UVLO
+
-
1.9V
100mV
Watchdog
(disable, 16s,
32s, 64s)
SCL
SDA
TS
NTC
NTC
Control
Block
Up to 1MHz
I2C Interface
VDD_AO1V8
Option
ADC
MODE
SELECTION
MODESEL0
MODESEL1
AGND3
1µF/
6.3V
2.2µF/
6.3V
10nF
6.3V
10nF
6.3V
Power-Good
&
Reset
SYSRSTn
Interrupts
INTB
R1
R1=R2=20kΩ to 220kΩ
R2
PMIC_IRQN
(VDD_AO1V8)
+
-
20°C
TDIE
Thermal
Regulation
(80°C to
115°C)
ASYS
3-bit
programmable
(95°C to 125°C
in 5°C steps)
Thermal
warning
+
-
20°C
TDIE
2-bit
programmable
(75°C to 90°C
in 5°C steps)
50µA
5µA
25-Bump WLCSP, 0.4mm pitch,
2.09mm x 2.09mm
ASYS
EN
I2C
EN
I2C
EN
I2C
SHIP
MODE
ENTER
OR
SHIP_EN_x=1
EXIT
Valid VIN
Valid VIN
SHIP_WKUP_CFG=0
Battery
absence
detection
EN
I2C
1
2
A programmed
ICHG_CC
X
Power-down
sequence
PWR_DN_EN=1
β selction
3-bit programmable
From 3434k to 4750k
Add 1.2V
offset
I2C
Add 1.2V
offset
Default:1.0V
Default:1.8V VDDIO_1,2,3,
and/or 4
Always-on
1.8V
Default:
3.3V
Reverse
Blocking
Note: All directions for the arrows in the schematic are
made from the PCA9420 perspective.
Short on PCB
i.MXRT*
RT600
i.MXRT*
VDD1V8 and
other 1.8V power
PMIC_I2C_SCL
(VDDIO_1)
PMIC_I2C_SDA
(VDDIO_1)
VDD_AO1V8
VDDIO_1,2,3,
and/or 4
USB1_VDD3V3
and other
3V power
RESETN
(VDD_AO1V8)
PMIC_MODE0
(VDD_AO1V8)
PMIC_MODE1
(VDD_AO1V8)
Option: can be remove if an
internal pull-up R is available
on i.MXRT* device
VDDIO_1
MODESEL1 MODESEL0
EN_MODE_SEL_BY_PIN_x=1
Output Voltage Setting
LOW (0)
HIGH (1)
LOW (0)
LOW (0)
HIGH (1)
LOW (0)
HIGH (1)
HIGH (1)
Mode Setting 0
Mode Setting 1
Mode Setting 2
Mode Setting 3
(x can be 0, 1, 2 or 3)
Can be connected to any ADC
Regulator Default (V)* Output Range
BUCK1
1.0
(MTP)
0.5V to 1.5V and fixed 1.8V
BUCK2
LDO1
LDO2
1.5V to 2.1V or 2.7V to 3.3V
* : Regardless of mode setting
1.7V to 1.9V
1.5V to 2.1V or 2.7V to 3.3V
Resolution
25mV
Max Current
250mA
25mV
25mV
25mV
500mA
1mA
250mA
Linear charger: 0mA to 315mA in 5mA steps for charge current
Input Current Limit (typical): 85mA, 255mA, 425mA, 595mA, 765mA, 935mA,
1105mA, or disable
1.8
(MTP)
1.8
(MTP)
3.3
(MTP)
If VIN is greater than 6V, the
voltage rating on the capacitor of
2.2µF/10V shall be changed to a
higher voltage than a maximum
voltage in applications.
VIN ≤ 6V
Figure 1. Simplified block diagram
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
3 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com