Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCA9420 Datasheet HTML 22Page - NXP Semiconductors PCA9420 Datasheet HTML 23Page - NXP Semiconductors PCA9420 Datasheet HTML 24Page - NXP Semiconductors PCA9420 Datasheet HTML 25Page - NXP Semiconductors PCA9420 Datasheet HTML 26Page - NXP Semiconductors PCA9420 Datasheet HTML 27Page - NXP Semiconductors PCA9420 Datasheet HTML 28Page - NXP Semiconductors PCA9420 Datasheet HTML 29Page - NXP Semiconductors PCA9420 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 87 page
background image
NXP Semiconductors
PCA9420
Power management IC for low-power microcontroller applications
Address (Hex) Register Name
Description
Type
Reset Value
(Binary)
16
Battery Charger Control_6, CHG_CNTL6 Battery charger control register_6
R/W
1001 0101
17
Battery Charger Control_7, CHG_CNTL7 Battery charger control register_7
R/W
0010 0100
18
Battery Charger Status_0, CHG_
STATUS_0
Battery charger status indication_0
R
0001 0000
19
Battery Charger Status_1, CHG_
STATUS_1
Battery charger status indication_1
R
0000 0000
1A
Battery Charger Status_2, CHG_
STATUS_2
Battery charger status indication_2
R
0111 1000
1B
Battery Charger Status_3, CHG_
STATUS_3
Battery charger status indication_3
R
0000 0000
1C – 1F
RSVD
Reserved
Regulator Control
20
Regulator Status, REG_STATUS
Regulators status indication
R
0000 0000
21
Active Discharge Control, ACT_
DISCHARGE_CNTL_1
Active Discharge control register
R/W
0000 0000
22
Mode Configuration Mode Setting 0_0,
MODECFG_0_0
Mode configuration settings for Mode 0_0
R/W
0001 0100
23
Mode Configuration Mode Setting 0_1,
MODECFG_0_1
Mode configuration settings for Mode 0_1
R/W
0000 1100
24
Mode Configuration Mode Setting 0_2,
MODECFG_0_2
Mode configuration settings for Mode 0_2
R/W
0100 1111
25
Mode Configuration Mode Setting 0_3,
MODECFG_0_3
Mode configuration settings for Mode 0_3
R/W
0011 1001
26
Mode Configuration Mode Setting 1_0,
MODECFG_1_0
Mode configuration settings for Mode 1_0
R/W
0001 1100
27
Mode Configuration Mode Setting 1_1,
MODECFG_1_1
Mode configuration settings for Mode 1_1
R/W
0100 1100
28
Mode Configuration Mode Setting 1_2,
MODECFG_1_2
Mode configuration settings for Mode 1_2
R/W
0100 1111
29
Mode Configuration Mode Setting 1_3,
MODECFG_1_3
Mode configuration settings for Mode 1_3
R/W
0000 1100
2A
Mode Configuration Mode Setting 2_0,
MODECFG_2_0
Mode configuration settings for Mode 2_0
R/W
0001 1100
2B
Mode Configuration Mode Setting 2_1,
MODECFG_2_1
Mode configuration settings for Mode 2_1
R/W
0100 1100
2C
Mode Configuration Mode Setting 2_2,
MODECFG_2_2
Mode configuration settings for Mode 2_2
R/W
0100 1111
2D
Mode Configuration Mode Setting 2_3,
MODECFG_2_3
Mode configuration settings for Mode 2_3
R/W
0000 1100
2E
Mode Configuration Mode Setting 3_0,
MODECFG_3_0
Mode configuration settings for Mode 3_0
R/W
0001 1100
2F
Mode Configuration Mode Setting 3_1,
MODECFG_3_1
Mode configuration settings for Mode 3_1
R/W
0100 1100
30
Mode Configuration Mode Setting 3_2,
MODECFG_3_2
Mode configuration settings for Mode 3_2
R/W
0100 1111
31
Mode Configuration Mode Setting 3_3,
MODECFG_3_3
Mode configuration settings for Mode 3_3
R/W
0000 1100
Table 8. Register map...continued
PCA9420
All information provided in this document is subject to legal disclaimers.
© 2022 NXP B.V. All rights reserved.
Product data sheet
Rev. 4.0 — 28 November 2022
26 / 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com