Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9420 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9420
Description  Power management IC for low-power microcontroller applications
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9420 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9420 Datasheet HTML 1Page - NXP Semiconductors PCA9420 Datasheet HTML 2Page - NXP Semiconductors PCA9420 Datasheet HTML 3Page - NXP Semiconductors PCA9420 Datasheet HTML 4Page - NXP Semiconductors PCA9420 Datasheet HTML 5Page - NXP Semiconductors PCA9420 Datasheet HTML 6Page - NXP Semiconductors PCA9420 Datasheet HTML 7Page - NXP Semiconductors PCA9420 Datasheet HTML 8Page - NXP Semiconductors PCA9420 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 87 page
background image
PCA9420
Power management IC for low-power microcontroller
applications
Rev. 4.0 — 28 November 2022
Product data sheet
1 General description
The PCA9420 is a highly integrated Power Management IC (PMIC), targeted to provide
a full power management solution for low-power microcontroller applications or other
similar applications.
The device consists of a linear battery charger capable of charging up to 315 mA current.
It has an I2C programmable Constant Current (CC) and Constant Voltage (CV) values
for flexible configuration. Various built-in protection features such as input overvoltage
protection, overcurrent protection, thermal protection, etc. are also provided for safe
battery charging. It also features JEITA-compliant charging.
The device also integrates two step-down (buck) DC-DC converters which have I2C
programmable output voltage. Both buck regulators have integrated high-side and low-
side switches and related control circuitry, to minimize the external component counts;
a Pulse-Frequency Modulation (PFM) approach is utilized to achieve better efficiency
under light load condition. Other protection features such as overcurrent protection,
under-voltage lockout (UVLO), etc., are also provided. By default, the input for these
regulators is powered by either VIN or VBAT, whichever is greater.
In addition, two on-chip LDO regulators are provided to power up various voltage rails in
the system.
Other features such as Fm+ I2C-bus interface, chip enable, interrupt signal, etc. are also
provided.
The chip is offered in 2.09 mm x 2.09 mm, 5 x 5 bump, 0.4 mm pitch WLCSP package;
and 3 mm x 3 mm, 24-pin QFN package.
2 Features and benefits
• Linear battery charger for charging single cell li-ion battery
– 20 V tolerance on VIN pin
– Programmable input OVP (5.5 V or 6 V)
– Programmable constant current (up to 315 mA) and pre-charge low voltage current
threshold
– Programmable constant voltage regulation
– Programmable automatic recharge voltage and termination current threshold
– Built-in protection features such as input OVP, battery SCP, thermal protection
– JEITA compliant
– Battery attached detection
– Over-temperature protection
• Two step-down DC-DC converters
– Very low quiescent current
– Programmable output voltage


Similar Part No. - PCA9420

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9420 NXP-PCA9420 Datasheet
1Mb / 82P
Power management IC for low-power microcontroller applications
Rev. 2-26 January 2021
PCA9420 NXP-PCA9420 Datasheet
242Kb / 3P
POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PCA9420 NXP-PCA9420 Datasheet
1Mb / 84P
Power management IC for low-power microcontroller applications
Rev. 4.1 - 30 May 2023
PCA9420 NXP-PCA9420 Datasheet
1Mb / 85P
Power management IC for low-power microcontroller applications
Rev. 4.2 - 26 July 2023
PCA9420BS NXP-PCA9420BS Datasheet
1Mb / 82P
Power management IC for low-power microcontroller applications
Rev. 2-26 January 2021
More results

Similar Description - PCA9420

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063 Datasheet
1Mb / 4P
System Power Management IC (PMIC) for applications
logo
Texas Instruments
TPS65313-Q1 TI1-TPS65313-Q1 Datasheet
174Kb / 10P
High-Voltage Power-Management IC for Automotive Applications
logo
Analog Devices
ADP2450 AD-ADP2450 Datasheet
1Mb / 39P
Power Management IC for Circuit Breaker Applications
4/2019-Rev. 0 to Rev. A
logo
NXP Semiconductors
PCA9420 NXP-PCA9420 Datasheet
1Mb / 82P
Power management IC for low-power microcontroller applications
Rev. 2-26 January 2021
logo
Analog Devices
ADP2450 AD-ADP2450_V01 Datasheet
984Kb / 40P
Power Management IC for Circuit Breaker Applications
Rev. B
logo
Rohm
BD39031MUF-C ROHM-BD39031MUF-C Datasheet
1Mb / 53P
Power Management IC for ADAS Applications
05.Mar.2020 Rev.001
logo
Renesas Technology Corp
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V02 Datasheet
1Mb / 84P
Power management IC for low-power microcontroller applications
Rev. 4.1 - 30 May 2023
PCA9420 NXP-PCA9420_V03 Datasheet
1Mb / 85P
Power management IC for low-power microcontroller applications
Rev. 4.2 - 26 July 2023
PCA9421 NXP-PCA9421 Datasheet
856Kb / 66P
Power management IC for low-power microcontroller applications
Rev. 1.0 - 16 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com